Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN7368 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # FN7368
Description  VCOM with Dual Gamma Buffer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN7368 Datasheet(HTML) 2 Page - Renesas Technology Corp

  FN7368 Datasheet HTML 1Page - Renesas Technology Corp FN7368 Datasheet HTML 2Page - Renesas Technology Corp FN7368 Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Absolute Maximum Ratings (TA = 25°C)
VCC Supply Voltage between VS and GND . . . . . . . . . . . . . . TBD
Supply Voltage between VSD and GND . . . . . . . . . . . . . . . . . . TBD
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . . TBD
Ambient Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . . TBD
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . TBD
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TBD
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS+ = +15V, VS- = 0V, RL = 1kΩ to 7.5V, TA = 25°C unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
GAMMA BUFFER INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 7.5V
2
14
mV
TCVOS
Average Offset Voltage Drift
(Note 1)
5
µV/°C
IB
Input Bias Current
VCM= 7.5V
2
50
nA
RIN
Input Impedance
1G
Ω
CIN
Input Capacitance
2pF
AV
Voltage Gain
0.5
≤ VOUT ≤ 14.5V, RL = 10kΩ
0.995
1.005
V/V
GAMMA BUFFER OUTPUT CHARACTERISTICS
VOL
Output Swing Low
IL = -5mA
80
150
mV
VOH
Output Swing High
IL = 5mA
14.85
14.92
V
ISC
Short Circuit Current
Short to GND (Note 2)
±80
±120
mA
GAMMA BUFFER DYNAMIC PERFORMANCE
SR
Slew Rate (Note 3)
1V
≤ VOUT ≤14V, 20% to 80%, RL = 10kΩ
710
V/µs
tS
Settling to +0.1%
VO = 2V Step
500
ns
BW
-3dB Bandwidth
RL = 10kΩ, CL = 10pF
12
MHz
CS
Channel Separation
f = 5MHz
75
dB
VCOM AMPLIFIER INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 7.5V
3
15
mV
TCVOS
Average Offset Voltage Drift (Note 4)
7
µV/°C
IB
Input Bias Current
VCM = 7.5V
2
60
nA
RIN
Input Impedance
1G
Ω
CIN
Input Capacitance
2pF
CMIR
Common-Mode Input Range
-0.5
+15.5
V
CMRR
Common-Mode Rejection Ratio
for VIN from -0.5V to 15.5V
53
72
dB
AVOL
Open-Loop Gain
0.5V
≤ VOUT ≤ 14.5V
62
70
dB
VCOM AMPLIFIER OUTPUT CHARACTERISTICS
VOL
Output Swing Low
IL = -5mA
80
150
mV
VOH
Output Swing High
IL = 5mA
14.85
14.92
V
ISC
Short-circuit Current
±180
mA
IOUT
Output Current
±65
mA
EL5228



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com