Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2008BVF Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # ICS2008BVF
Description  SMPTE Time Code Receiver/Generator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS2008BVF Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button ICS2008BVF Datasheet HTML 15Page - Renesas Technology Corp ICS2008BVF Datasheet HTML 16Page - Renesas Technology Corp ICS2008BVF Datasheet HTML 17Page - Renesas Technology Corp ICS2008BVF Datasheet HTML 18Page - Renesas Technology Corp ICS2008BVF Datasheet HTML 19Page - Renesas Technology Corp ICS2008BVF Datasheet HTML 20Page - Renesas Technology Corp ICS2008BVF Datasheet HTML 21Page - Renesas Technology Corp ICS2008BVF Datasheet HTML 22Page - Renesas Technology Corp ICS2008BVF Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
ICS2008B Errata
1. Figure 8 “Self Biased Inputs” Diagram on page 15:
a) VDD/2 should be VDD/3
b) 5K should be 35K
2. Add the following notes called “AC Coupling of Internally-Biased Inputs” after
“Self Biased Inputs” section on page 15.
AC coupling is not recommended when the input is of large voltage swing and/or of low
frequency. If AC coupling is attempted in these cases, then great care must be taken that
the voltage at the input pin does not go below ground nor be allowed to settle near the
threshold value. In such cases, it is recommended that the input pin in question be
observed in operation with a high-impedance scope probe.
In the case of large voltage swing inputs, the ICS2008B input pin can easily be driven
below ground. This is possible because the voltage at the pin will swing around the
internally generated bias point. Driving the input pin below ground should never be
allowed and can potentially damage the device. In the case of a large input swing, a series
resistor can be placed between the coupling capacitor and the input pin to divide down
the input voltage and reduce the swing at the input pin.
In the case of low frequency signals, the coupling capacitor can become fully charged
which will allow the input slew to close to its threshold value, causing any noise to
falsely trigger the input. Low duty cycle inputs can have an effect similar to low
frequency. A larger coupling capacitor may be required. The case of a low frequency,
large amplitude input is especially dangerous because the voltage swing at the input pin is
increased by the same amount that the capacitor has charged.
As an example of the measures that may need to be taken, a 5V, 30 Hz, 50% duty cycle
signal on the Click input can be safely AC coupled to the Click pin by using a 1µF
coupling capacitor and a 100K ohm series resistor. The large time constant prevents the
capacitor from becoming fully charged and the series resistor, combined with the internal
resistor, divides down the input voltage to an acceptable swing so that the input pin is
never driven below ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com