Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7940 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7940
Description  16-Bit, /-0.65 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7940 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7940 Datasheet HTML 16Page - Analog Devices AD7940 Datasheet HTML 17Page - Analog Devices AD7940 Datasheet HTML 18Page - Analog Devices AD7940 Datasheet HTML 19Page - Analog Devices AD7940 Datasheet HTML 20Page - Analog Devices AD7940 Datasheet HTML 21Page - Analog Devices AD7940 Datasheet HTML 22Page - Analog Devices AD7940 Datasheet HTML 23Page - Analog Devices AD7940 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Preliminary Technical Data
AD7693
Rev. PrB | Page 23 of 24
APPLICATION HINTS
LAYOUT
The printed circuit board that houses the AD7693 should be
designed so that the analog and digital sections are separated
and confined to certain areas of the board. The pinout of the
AD7693, with all its analog signals on the left side and all its
digital signals on the right side, eases this task.
Avoid running digital lines under the device because these
couple noise onto the die unless a ground plane under the
AD7693 is used as a shield. Fast switching signals, such as CNV
or clocks, should not run near analog signal paths. Crossover of
digital and analog signals should be avoided.
At least one ground plane should be used. It could be common
or split between the digital and analog sections. In the latter
case, the planes should be joined underneath the AD7693s.
Figure 45. Example Layout of the AD7693 (Top Layer)
The AD7693 voltage reference input REF has a dynamic input
impedance and should be decoupled with minimal parasitic
inductances. This is done by placing the reference decoupling
ceramic capacitor close to, ideally right up against, the REF and
GND pins and connecting them with wide, low impedance traces.
Finally, the power supplies VDD and VIO of the AD7693
should be decoupled with ceramic capacitors, typically 100 nF,
placed close to the AD7693 and connected using short and wide
traces to provide low impedance paths and reduce the effect of
glitches on the power supply lines.
An example of a layout following these rules is shown in
Figure 45 and Figure 46.
EVALUATING THE AD7693’S PERFORMANCE
Figure 46. Example Layout of the AD7693 (Bottom Layer)
Other recommended layouts for the AD7693 are outlined
in the documentation of the evaluation board for the AD7693
(EVAL-AD7693-CB). The evaluation board package includes
a fully assembled and tested evaluation board, documentation,
and software for controlling the board from a PC via the
EVAL-CONTROL BRD3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com