Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1986BSTZ Datasheet(PDF) 43 Page - Analog Devices

Part # AD1986BSTZ
Description  AC ??7 SoundMAX CODEC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986BSTZ Datasheet(HTML) 43 Page - Analog Devices

Back Button AD1986BSTZ Datasheet HTML 39Page - Analog Devices AD1986BSTZ Datasheet HTML 40Page - Analog Devices AD1986BSTZ Datasheet HTML 41Page - Analog Devices AD1986BSTZ Datasheet HTML 42Page - Analog Devices AD1986BSTZ Datasheet HTML 43Page - Analog Devices AD1986BSTZ Datasheet HTML 44Page - Analog Devices AD1986BSTZ Datasheet HTML 45Page - Analog Devices AD1986BSTZ Datasheet HTML 46Page - Analog Devices AD1986BSTZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
Preliminary Technical Data
AD1986
Rev. 0 | Page 43 of 52
PCI SUBSYSTEM VENDOR ID REGISTER (REGISTER 0x62, PAGE 01)
This register is only reset by power-on. It is used by the BIOS to store configuration information (per AC ’97 Revision 2.3 specification)
and must not be reset by soft or hardware resets.
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x621
PCI
SVID
PVI15
PVI14
PVI13
PVI12
PVI11
PVI10
PVI9
PVI8
PVI7
PVI6
PVI5
PVI4
PVI3
PVI2
PVI1
PVI0
0xFFFF
Table 68.
Register
Function
PVI [15:0]
PCI Sub
System
Vendor ID
Optional per AC ‘97 specifications, should be implemented as read/write on AD1986.
This field provides the PCI subsystem vendor ID of the audio or modem subassembly vendor (i.e., CNR manufacturer,
motherboard vendor). This is NOT the CODEC vendor PCI vendor ID or the AC ’97 controller PCI vendor ID. If data is not
available it should return 0xFFFF.
PCI SUBSYSTEM DEVICE ID REGISTER (REGISTER 0x64, PAGE 01)
This register is only reset by power-on. It is used by the BIOS to store configuration information (per AC’97 v2.3 specification) and must
not be reset by soft or hardware resets.
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x641
PCI SID
PI15
PI14
PI13
PI12
PI11
PI10
PI9
PI8
PI7
PI6
PI5
PI4
PI3
PI2
PI1
PI0
0xFFFF
Table 69.
Register
Function
PI [15:0]
(PCI Vendor
ID)
Optional per AC ‘97 specifications, should be implemented as read/write on the AD1986. This field provides the PCI
subsystem ID of the audio or modem subassembly (i.e., CNR model, motherboard SKU). This is NOT the CODEC vendor PCI
ID or the AC ’97 controller PCI ID. Information in this field must be available, because the AC ’97 controller reads when the
CODEC ready is asserted in the AC link. If data is not available it should return FFFFh.
FUNCTION SELECT REGISTER (REGISTER 0x66, PAGE 01)
This register is used to select which function (analog I/O pins), information and I/O (0x6801), and sense (0x6A01) registers apply to it.
The AD1986 associates FC = 0x0 with surround functions and FC = 0x01 with front functions. These are changed in the AD1986 to align
with the new device pin-out and to separate LINE_OUT functions.
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x661
Function
Select
x
x
x
x
x
x
x
x
x
x
x
FC3
FC2
FC1
FC0
T/R
0x0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com