Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA484 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BA484
Description  Band-switching diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BA484 Datasheet(HTML) 2 Page - NXP Semiconductors

  BA484 Datasheet HTML 1Page - NXP Semiconductors BA484 Datasheet HTML 2Page - NXP Semiconductors BA484 Datasheet HTML 3Page - NXP Semiconductors BA484 Datasheet HTML 4Page - NXP Semiconductors BA484 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1996 Apr 17
2
Philips Semiconductors
Product specification
Band-switching diodes
BA482; BA483; BA484
FEATURES
• Continuous reverse voltage:
max. 35 V
• Continuous forward current:
max. 100 mA
• Low diode capacitance:
max. 1.0 to 1.6 pF
• Low diode forward resistance:
max. 0.7 to 1.2
Ω.
APPLICATION
• VHF television tuners.
DESCRIPTION
Planar high performance band-switching diode in a hermetically sealed glass
SOD68 (DO-34) package.
Fig.1 Simplified outline (SOD68; DO-34) and symbol.
The diodes are type branded.
handbook, halfpage
MAM156
k
a
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
ELECTRICAL CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VR
continuous reverse voltage
−
35
V
IF
continuous forward current
−
100
mA
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VF
forward voltage
IF = 100 mA; see Fig.2
−
1.2
V
IR
reverse current
see Fig.3
VR = 20V
−
100
nA
VR = 20 V; Tamb =75 °C
−
1
µA
Cd
diode capacitance
f = 1 to 100 MHz; VR = 3 V; see Fig.4
BA482
0.8
1.2
pF
BA483
0.7
1.0
pF
BA484
1.0
1.6
pF
rD
diode forward resistance
IF = 3 mA; f = 200 MHz; see Fig.5
BA482
0.6
0.7
Ω
BA483
0.8
1.2
Ω
BA484
0.8
1.2
Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com