Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89C52 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # P89C52
Description  80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C52 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button P89C52 Datasheet HTML 23Page - NXP Semiconductors P89C52 Datasheet HTML 24Page - NXP Semiconductors P89C52 Datasheet HTML 25Page - NXP Semiconductors P89C52 Datasheet HTML 26Page - NXP Semiconductors P89C52 Datasheet HTML 27Page - NXP Semiconductors P89C52 Datasheet HTML 28Page - NXP Semiconductors P89C52 Datasheet HTML 29Page - NXP Semiconductors P89C52 Datasheet HTML 30Page - NXP Semiconductors P89C52 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Philips Semiconductors
Product specification
89C51/89C52/89C54/89C58
80C51 8-bit microcontroller family
4K/8K/16K/32K Flash
1999 Oct 27
27
Security
The security feature protects against software piracy and prevents
the contents of the FLASH from being read. The Security Lock bits
are located in FLASH. The 89C51/89C52/89C54/89C58 has 3
programmable security lock bits that will provide different levels of
protection for the on-chip code and data (see Table 8). Unlike the
ROM and OTP versions, the security lock bits are independent. LB3
includes the security protection of LB1.
Table 8.
SECURITY LOCK BITS1
PROTECTION DESCRIPTION
Level
PROTECTION DESCRIPTION
LB1
MOVC instructions executed from external program memory are disabled from fetching code bytes from
internal memory.
LB2
Program verification is disabled
LB3
External execution is disabled.
NOTE:
1. The security lock bits are independent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com