Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMDS341APFCR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS341APFCR
Description  3-TO-1 DVI/HDMI SWITCH
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS341APFCR Datasheet(HTML) 1 Page - Texas Instruments

  TMDS341APFCR Datasheet HTML 1Page - Texas Instruments TMDS341APFCR Datasheet HTML 2Page - Texas Instruments TMDS341APFCR Datasheet HTML 3Page - Texas Instruments TMDS341APFCR Datasheet HTML 4Page - Texas Instruments TMDS341APFCR Datasheet HTML 5Page - Texas Instruments TMDS341APFCR Datasheet HTML 6Page - Texas Instruments TMDS341APFCR Datasheet HTML 7Page - Texas Instruments TMDS341APFCR Datasheet HTML 8Page - Texas Instruments TMDS341APFCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
TYPICAL APPLICATION
PC
DVD Player
STB
Digital TV
or
Game
Machine
TMDS
341A
TMDS341A
SLLS702 – MAY 2006
3-TO-1 DVI/HDMI SWITCH
•
Intra-Pair Skew < 50 ps
•
Differential Interface Compatible with
•
8-dB Receiver Equalization to Compensate
Transition Minimized Differential Signaling
for 5-m DVI Cable Losses
(TMDS) Electrical Specification
•
High Impedance Outputs When Disabled
•
Allows AC-Coupled Input
•
HBM ESD Protection Exceeds 3 kV
•
Designed for Signaling Rates up to 1.65 Gbps
•
3.3-V Supply Operation
in Support of 480 I/P, 720 I/P, 1080 I/P or
•
80-Pin TQFP Package
UXGA Resolutions
•
ROHS Compatible and 260
°C Reflow Rated
•
Each Port Supports HDMI or DVI Inputs
•
Isolated Digital Display Control (DDC) Bus for
Unused Ports
•
Switching From Three Digital-Video (DVI) or
•
5-V Tolerance to all DDC and HPD_SINK
Digital-Audio Visual (HDMI) Sources
Inputs
•
Digital TV
•
Integrated Receiver Termination
•
Digital Projector
•
Audio Video Receiver
•
Inter-Pair Output Skew < 100 ps
The TMDS341A is a 3-port digital video interface (DVI) or high-definition multimedia interface (HDMI) switch that
allows up to 3 DVI or HDMI ports to be switched to a single display terminal. Four TMDS channels, one hot plug
detector, and an I2C interface are supported on each port. Each TMDS channel allows signaling rates up to 1.65
Gbps.
The active source is selected by configuring source selectors, S1, S2, and S3. The selected TMDS inputs from
each port are switched through a 3-to-1 multiplexer. The I2C interface of the selected input port is linked to the
I2C interface of the output port, and the hot plug detector (HPD) of the selected input port is output to
HPD_SINK. For the unused ports, the I2C interfaces are isolated, and the HPD pins are kept low.
Termination resistors (50-
Ω), pulled up to V
CC, are integrated at each receiver input pin. External terminations
are not required. A precision resistor is connected externally from the VSADJ pin to ground for setting the
differential output voltage to be compliant with the TMDS standard. When the output is connected to a standard
TMDS termination and OE is high, the output is high impedance.
The TMDS341A provides fixed 8-dB input equalization and selectable 3-dB output de-emphasis to optimize
system performance through 5-meter or longer DVI compliant cables. The device is characterized for operation
from 0
°C to 70°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMDS341APFCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS341APFCR TI-TMDS341APFCR Datasheet
1Mb / 27P
3-TO-1 DVI/HDMI SWITCH
TMDS341APFCRG4 TI-TMDS341APFCRG4 Datasheet
1Mb / 27P
3-TO-1 DVI/HDMI SWITCH
More results

Similar Description - TMDS341APFCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS341 TI-TMDS341 Datasheet
1Mb / 25P
3-TO-1 DVI/HDMI SWITCH
TMDS341A TI-TMDS341A_07 Datasheet
1Mb / 27P
3-TO-1 DVI/HDMI SWITCH
TMDS351 TI-TMDS351 Datasheet
533Kb / 25P
2.5 Gbps 3-TO-1 DVI/HDMI SWITCH
TMDS442 TI-TMDS442 Datasheet
1Mb / 45P
4-TO-2 DVI/HDMI SWITCH
TMDS251 TI-TMDS251 Datasheet
688Kb / 27P
2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
logo
Analog Devices
ADV3000 AD-ADV3000 Datasheet
781Kb / 28P
3:1 HDMI/DVI Switch with Equalization
8/07-Revision 0
logo
Texas Instruments
TMDS250 TI-TMDS250 Datasheet
674Kb / 26P
2.5 Gbps 2-TO-1 DVI/HDMI SWITCH
TMDS361 TI-TMDS361 Datasheet
2Mb / 42P
1080p - Deep Color 3-to-1 HDMI/DVI Switch with Adaptive Equalization
logo
Analog Devices
AD8197 AD-AD8197_15 Datasheet
842Kb / 32P
4:1 HDMI/DVI Switch with Equalization
REV. 0
logo
Texas Instruments
TMDS442 TI1-TMDS442_14 Datasheet
2Mb / 46P
4-TO-2 DVI/HDMI SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com