Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3743 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3743
Description  N-Channel FET Synchronous Buck Controller for Low Output Voltages
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3743 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM3743 Datasheet HTML 15Page - National Semiconductor (TI) LM3743 Datasheet HTML 16Page - National Semiconductor (TI) LM3743 Datasheet HTML 17Page - National Semiconductor (TI) LM3743 Datasheet HTML 18Page - National Semiconductor (TI) LM3743 Datasheet HTML 19Page - National Semiconductor (TI) LM3743 Datasheet HTML 20Page - National Semiconductor (TI) LM3743 Datasheet HTML 21Page - National Semiconductor (TI) LM3743 Datasheet HTML 22Page - National Semiconductor (TI) LM3743 Datasheet HTML 23Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Application Information (Continued)
The Output Power (P
OUT) for the Typical Application Circuit
design is (1.8V x 10A) = 18W. The Total Power (P
LOSS), with
an efficiency calculation to complement the design, is shown
below.
The majority of the power losses are due to the low side and
high side MOSFET’s losses. The losses in any MOSFET are
switching (P
SW), conduction losses (PCND), and gate charg-
ing losses (P
GATE)
FET Switching Loss (P
SW)
P
SW =PSW(ON) +PSW(OFF)
P
SW =0.5xVIN xIOUT x(tr +tf)xfSW
P
SW =0.5x5Vx10A x300 kHzx67ns
P
SW = 503 mW
The Si4866DY has a typical turn-on rise time t
r and turn-off
fall time t
f of 32 ns and 35 ns, respectively. The switching
losses for the upper FET (Q1) is 0.503W. The low side FET
(Q2) does not incur switching losses.
FET Conduction Loss (P
CND)
P
CND =PCND1 +PCND2
P
CND1 =I
2
OUT xRDS(ON) xkxD
P
CND2 =I
2
OUT xRDS(ON) x k x (1-D)
R
DS(ON) = 4.5 m
Ω and the k factor accounts for the increase
in R
DS(ON) due to heating. k = 1.3 at TJ = 100˚C
P
CND1 = (10A)
2 x 4.5 m
Ω x 1.3 x 0.36
P
CND2 = (10A)
2 x 4.5 m
Ω x 1.3 x (1 - 0.36)
P
CND =PCND1 +PCND2
P
CND = 211 mW + 374 mW = 585 mW
FET Gate Charging Loss (P
GATE)
P
GATE_H =nx(VCC -VD1 )xQGS xfSW
P
GATE_L =nxVCC xQGS xfSW
P
GATES =[1x( 5.0V-0.4V)x22nCx300 kHz]+[1x
(5.0V)x22nCx300 kHz ]
P
GATES =29mW+33mW=62mW
The value n is the total number of FETs used and Q
GS is the
typical gate-source charge value, which is 21 nC. For the
Si4866DY the gate charging loss is 62 mW.
Thus the total MOSFET losses are:
P
FET =PSW +PCND +PGATES =
503 mW + 585 mW + 62 mW
P
FET = 1.15 W
There are few additional losses that are taken into account:
IC Loss (P
IC)
P
OP =IQ_VCC xVCC
P
DR =[[(nxQGS xfSW)/D]+[(nxQGS xfSW) / (1–D) ]]
xV
CC
where P
OP is the operating loss, PDR is the driver loss,
I
Q-VCC is the typical operating VCC current
P
OP= ( 1.3 mA x 5.0V )
P
DR=[(1x22nCx300 kHz)/.36]+[(1x22nCx300
kHz)/.64]xV
CC
P
IC=POP +PDR
P
IC= 6.5 mW + 137 mW = 143.5 mW
Input Capacitor Loss (P
CAP)
where,
Here n is the number of paralleled capacitors, ESR is the
equivalent series resistance of each, and P
CAP is the dissi-
pation in each. So for example if we use only one input
capacitor of 10m
Ω.
P
CAP = 230 mW
Output Inductor Loss (P
IND)
P
IND =I
2
OUT x DCR
where DCR is the DC resistance. Therefore, for example
P
IND = (10A)
2 x3m
Ω
P
IND = 302 mW
Total System Efficiency
P
LOSS =PFET +PIC +PCAP +PIND
PCB LAYOUT CONSIDERATIONS
To produce an optimal power solution with the LM3743, good
layout and design of the PCB are as important as component
selection. The following are several guidelines to aid in
creating a good layout. For an extensive PCB layout expla-
nation refer to AN-1229.
Separate Power Ground and Signal Ground
Good layout techniques include a dedicated ground plane,
preferably on an internal layer. Signal level components like
the compensation and feedback resistors should be con-
nected to a section of this internal plane, signal ground. The
signal ground section of the plane should be connected to
the power ground at a single point. The best place to connect
the signal ground and power ground is right at the GND pin
of the IC.
Low Impedance Power Path
The power path includes the input capacitors, power FETs,
output inductor, and output capacitors. Keep these compo-
nents on the same side of the PCB and connect them with
thick traces or copper planes on the same layer. Vias add
resistance and inductance to the power path, and have high
impedance connections to internal planes than do top or
bottom layers of a PCB. If heavy switching currents must be
routed through vias and/or internal planes, use multiple vias
in parallel to reduce their resistance and inductance. The
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com