Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC50J10A Datasheet(PDF) 3 Page - STMicroelectronics

Part # SMC50J10A
Description  5000 W TVS in SMC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMC50J10A Datasheet(HTML) 3 Page - STMicroelectronics

  SMC50J10A Datasheet HTML 1Page - STMicroelectronics SMC50J10A Datasheet HTML 2Page - STMicroelectronics SMC50J10A Datasheet HTML 3Page - STMicroelectronics SMC50J10A Datasheet HTML 4Page - STMicroelectronics SMC50J10A Datasheet HTML 5Page - STMicroelectronics SMC50J10A Datasheet HTML 6Page - STMicroelectronics SMC50J10A Datasheet HTML 7Page - STMicroelectronics SMC50J10A Datasheet HTML 8Page - STMicroelectronics SMC50J10A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Table 2. Electrical characteristics - parameter values (Tamb = 25 °C, unless otherwise specified)
Type
IRM max at VRM
VBR at IR (1)
10 / 1000 µs
8 / 20µs
αT
VCL(2)(3)
IPP
RD
VCL(2)(3)
IPP
RD
25 °C
85°C
Min. Typ. Max.
Max.
Max.
Max.
Max.
Max.
µA
µA
V
V
V
V
mA
V
A
mΩ
V
A
mΩ
10-4/°C
SMC50J5.0A
20
50
5.0
6.4
6.74
7.1
10
9.2
544
3.86
14.4
2136
3.59
5.7
SMC50J6.0A
20
50
6.0
6.7
7.05
7.4
10
10.3
486
5.97
14.7
2042
3.75
5.9
SMC50J6.5A
20
50
6.5
7.2
7.58
8
10
11.2
447
7.16
15.2
1986
3.84
6.1
SMC50J8.5A
20
50
8.5
9.4
9.9
10.4
1
14.4
348
11.5
18.6
1710
5.09
7.3
SMC50J10A
0.2
1
10
11.1
11.7
12.3
1
17
295
15.9
21.7
1505
6.64
7.8
SMC50J11A
0.2
1
11
12.3
13
13.7
1
18
275
15.6
24.2
1387
8.07
8.1
SMC50J12A
0.2
1
12
13.3
14
14.7
1
19.9
252
20.6
25.3
1309
8.63
8.3
SMC50J13A
0.2
1
13
14.4
15.2
16
1
21.5
233
23.6
27.2
1227
9.78
8.4
SMC50J14A
0.2
1
14
15.7
16.5
17.3
1
23.1
216
26.9
29
1151
10.9
8.6
SMC50J15A
0.2
1
15
16.7
17.6
18.5
1
24.4
205
28.8
32.5
1095
13.6
8.8
SMC50J16A
0.2
1
16
17.9
18.8
19.8
1
26
192
32.3
34.2
1040
14.8
9.0
SMC50J18A
0.2
1
18
20
21.1
22.2
1
29.2
171
40.9
39.3
950
19.2
9.2
SMC50J20A
0.2
1
20
22.2
23.4
24.6
1
32.4
155
50.3
42.8
876
22.1
9.4
SMC50J22A
0.2
1
22
24.4
25.7
27
1
35.5
141
60.3
48.3
815
27.7
9.6
SMC50J23A
0.2
1
23
25.7
27
28.4
1
37.8
135
69.6
49.2
784
28.3
9.6
SMC50J24A
0.2
1
24
26.7
28.1
29.5
1
38.9
129
72.9
50
760
28.8
9.6
SMC50J26A
0.2
1
26
28.9
30.4
31.9
1
42.1
119
85.7
53.5
715
32.3
9.7
SMC50J28A
0.2
1
28
31.1
32.7
34.3
1
45.4
110
100.9
59
675
39.0
9.8
SMC50J30A
0.2
1
30
33.2
35
36.8
1
48.4
103
112.6
64.3
640
45.8
9.9
SMC50J31A
0.2
1
31
34.2
36
37.8
1
50.2
100
124
65
626
46.3
9.9
SMC50J33A
0.2
1
33
36.7
38.6
40.5
1
53.3
94
136
69.7
593
52.4
10.0
SMC50J36A
0.2
1
36
40
42.1
44.2
1
58.1
86
162
76
550
61.6
10.0
SMC50J40A
0.2
1
40
44.4
46.7
49
1
64.5
78
199
84
511
73.0
10.1
SMC50J48A
0.2
1
48
53.2
56
58.8
1
77.4
65
286
100
444
99.1
10.3
SMC50J58A
0.2
1
58
64.6
68
71.4
1
93.6
53
419
121
381
139
10.4
SMC50J64A
0.2
1
64
71.1
74.8
78.6
1
103
47
447
133
353
164
10.4
SMC50J70A
0.2
1
70
77.9
82
86.1
1
113
42
640
146
345
186
10.5
SMC50J85A
0.2
1
85
95
100
105
1
137
32
1000
178
265
294
10.6
SMC50J100A
0.2
1
100
111
117
123
1
179
28
2000
212
227
419
10.7
1. To calculate VBR versus Tj : VBR at Tj = VBR at 25 °C x (1 + αT x (Tj - 25))
2. To calculate VCL versus Tj : VCL at Tj = VCL at 25 °C x (1 + αT x (Tj - 25))
3. To calculate VCL max versus IPPappli: VCLmax = VCL - RD x (IPP - IPPappli) where IPP appli is the surge current in the
application
SMC50JxxA
Characteristics
DS13862 - Rev 1
page 3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com