| Electronic Components Datasheet Search |
|
M95M02-DFCS6G/K Datasheet(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95M02-DFCS6G/K Datasheet(HTML) 41 Page - STMicroelectronics |
|
41 / 45 page ![]() Contents 1 Description ........................................................................2 2 Block diagram .....................................................................4 3 Signal description .................................................................5 3.1 Serial data output (Q) ........................................................... 5 3.2 Serial data input (D) ............................................................ 5 3.3 Serial clock (C) ................................................................ 5 3.4 Chip select (S) ................................................................. 5 3.5 Hold (HOLD) .................................................................. 5 3.6 Write protect (W) ............................................................... 5 3.7 VCC supply voltage ............................................................. 5 3.8 VSS ground.................................................................... 5 4 Connecting to the SPI bus .........................................................6 4.1 SPI modes .................................................................... 7 5 Operating features.................................................................8 5.1 Supply voltage (VCC) ........................................................... 8 5.1.1 Operating supply voltage (VCC).............................................. 8 5.1.2 Device reset ............................................................ 8 5.1.3 Power-up conditions ...................................................... 8 5.1.4 Power-down ............................................................ 9 5.2 Active power and standby power modes ........................................... 9 5.3 Hold condition ................................................................. 9 5.4 Status register ................................................................ 10 5.5 Data protection and protocol control .............................................. 10 6 Instructions ......................................................................11 6.1 Write enable (WREN) .......................................................... 12 6.2 Write disable (WRDI) .......................................................... 13 6.3 Read status register (RDSR) .................................................... 14 6.3.1 WIP bit ............................................................... 14 6.3.2 WEL bit ............................................................... 14 6.3.3 BP1, BP0 bits .......................................................... 14 6.3.4 SRWD bit ............................................................. 15 6.4 Write status register (WRSR).................................................... 16 6.5 Read from memory array (READ)................................................ 18 6.6 Write to memory array (WRITE) ................................................. 19 M95M02-DR M95M02-DF Contents DS7024 - Rev 13 page 41/45 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |