Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA792 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BA792
Description  Band-switching diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BA792 Datasheet(HTML) 3 Page - NXP Semiconductors

  BA792 Datasheet HTML 1Page - NXP Semiconductors BA792 Datasheet HTML 2Page - NXP Semiconductors BA792 Datasheet HTML 3Page - NXP Semiconductors BA792 Datasheet HTML 4Page - NXP Semiconductors BA792 Datasheet HTML 5Page - NXP Semiconductors BA792 Datasheet HTML 6Page - NXP Semiconductors BA792 Datasheet HTML 7Page - NXP Semiconductors BA792 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1996 Mar 13
3
Philips Semiconductors
Product specification
Band-switching diode
BA792
ELECTRICAL CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
Note
1. Guaranteed on AQL basis: inspection level S4, AQL 1.0.
THERMAL CHARACTERISTICS
Note
1. Device mounted on a printed-circuit board measuring 11
× 25 × 1.6 mm.
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
IF = 100 mA
1.1
V
IR
reverse current
VR = 20 V
10
nA
VR = 20 V; Tamb =75 °C1
µA
Cd
diode capacitance
VR = 3 V; f = 1 to 100 MHz; note 1
1.1
pF
rD
diode forward resistance
IF = 3 mA; f = 200 MHz; note 1
0.7
Ω
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
315
K/W
MOUNTING
Reflow soldering
Follow standard reflow soldering techniques to ensure
correct application of solder paste and placement of the
SOD110 package (see Fig.2).
Dimensions in mm.
Fig.2 SOD110 reflow soldering pattern.
handbook, halfpage
MGC119
,,
,,
,,,
,,,
3.00
1.25
1.00
1.00
,,
,,
,,,
,,,
Wave soldering
Before wave soldering, attach SOD110 packages to the
printed-circuit boards using a small dot of thermo-setting
epoxy or UV-curing adhesive centred between the
soldering lands (see Fig.3).
Dimensions in mm.
Fig.3 SOD110 wave soldering pattern.
handbook, halfpage
MGC126
,,
,,
3.40
1.25
1.10
,,
,,
,,,
,,,
1.10
,,,
,,,



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com