Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP3301 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # HLMP3301
Description  T-1 3/4 General Purpose LED Lamps
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

HLMP3301 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  HLMP3301 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
T-1 3/4 General Purpose LED Lamps
EL ECTRO-OP TIC A L C HA R A CTERISTICS A N D R A T INGS
The HLMP33XX series are direct replacements for Hewlett Packard's
HLMP33XX series. The FLV110 is a direct replacement for Fairchild's
FLV110. These LED lamps are available with wide or narrow viewing
angles for direct viewing or backlighting. The standard red lamp is
produced with GaAsP and the High Efficiency Red lamps are produced
with GaAsP/GaP. Lamps are available either diffused or non-diffused.
3.0
35.0
18.0
7.0
90
-55 to +100
-55 to +100
135
70
665
30
0.8
2.0
1.6
20
Red
Red
FLV 110
90
-55 to +100
-55 to +100
135
35
635
45
20.0
3.0
2.2
10
Red
H.E . R ed
HLMP 3316
90
-55 to +100
-55 to +100
135
35
635
45
12.0
3.0
2.2
10
Red
H.E . R ed
HLMP 3315
90
-55 to +100
-55 to +100
135
65
635
45
4.0
3.0
2.2
10
Red
H.E . R ed
HLMP 3301
HLMP 3300
Diffus ed
PAR T NUMB E R
Output C olor
P ackage C olor
Tes t C urrent (mA)
Forward V oltage T yp. (V )
Forward V oltage Max. (V )
Luminous Intens ity Min. (mcd)
Luminous Intens ity T yp. (mcd)
Peak Wavelength (nm)
S torage T emperature (
°C)
P eak F orward C urrent Max. (1
µs@ 0.3% duty cycle) (mA)
Diffus ion
V iewing Angle 20 1/2 (degrees)
H.E . R ed
Red
10
2.2
3.0
2.0
3.5
45
635
65
135
-55 to +100
-55 to +100
90
Diffus ed
Non-Diffus ed
Non-Diffus ed
Diffus ed
Revers e V oltage (IR=100
µA) (V)
55
5
5
5
Capacitance pF V r=0, F =1MHz
Power Dissipation (mW)
Operating T emperature (
°C)
Lead S older T ime @ 260
°C
55
5
5
5
MIN.
1.00
.340
±.010
.100
CAT HODE
SQ.T Y P .
.020
±.003
.040
.190
±.010
Ø.230
.050
All dimensions in inches.
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack -NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - HLMP3301

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
HLMP3750 CML-HLMP3750 Datasheet
63Kb / 1P
T-1 3/4 Ultrabright LED Lamps
HLMP3850 CML-HLMP3850 Datasheet
63Kb / 1P
T-1 3/4 Ultrabright LED Lamps
HLMP3950 CML-HLMP3950 Datasheet
63Kb / 1P
T-1 3/4 Ultrabright LED Lamps
More results

Similar Description - HLMP3301

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MVL-5C4BS UOT-MVL-5C4BS Datasheet
33Kb / 2P
T-1 3/4 ( f5mm) InGaN LED LAMPs
logo
Marktech Corporate
MT1118F-RG MARKTECH-MT1118F-RG Datasheet
64Kb / 1P
T-1 3/4 Blinking LED Lamps
MT810-R MARKTECH-MT810-R Datasheet
43Kb / 1P
STANDARD T-1 3/4 LED LAMPS
logo
List of Unclassifed Man...
L56 ETC-L56 Datasheet
118Kb / 5P
T-1 3/4 (5MM) BLINKING LED LAMPS
logo
Chicago Miniature Lamp,...
CMD264UBD CML-CMD264UBD Datasheet
67Kb / 1P
T-1 and T-1 3/4 Blue LED Lamps
CMD3350 CML-CMD3350 Datasheet
63Kb / 1P
T-1 3/4 Ultrabright LED Lamps
CMD5153 CML-CMD5153 Datasheet
65Kb / 1P
T-1 3/4 Diffused LED Lamps
CMD6153 CML-CMD6153 Datasheet
65Kb / 1P
T-1 3/4 Diffused LED Lamps
HLMP3750 CML-HLMP3750 Datasheet
63Kb / 1P
T-1 3/4 Ultrabright LED Lamps
logo
Everlight Electronics C...
Y2C0-AUYB EVERLIGHT-Y2C0-AUYB Datasheet
113Kb / 6P
LED lamps Popular T-1 3/4
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com