Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7496SA Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7496SA
Description  5W5W AMPLIFIER WITH DC VOLUME CONTROL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7496SA Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7496SA Datasheet HTML 1Page - STMicroelectronics TDA7496SA Datasheet HTML 2Page - STMicroelectronics TDA7496SA Datasheet HTML 3Page - STMicroelectronics TDA7496SA Datasheet HTML 4Page - STMicroelectronics TDA7496SA Datasheet HTML 5Page - STMicroelectronics TDA7496SA Datasheet HTML 6Page - STMicroelectronics TDA7496SA Datasheet HTML 7Page - STMicroelectronics TDA7496SA Datasheet HTML 8Page - STMicroelectronics TDA7496SA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TDA7496SA
4/13
APPLICATION SUGGESTIONS
The recommended values of the external components are those shown on the application circuit of figure 1.
Different values can be used, the following table can help the designer.
Figure 1. Application Circui
COMPONENT
SUGGESTION
VALUE
PURPOSE
LARGER THAN
SUGGESTION
SMALLER THAN
SUGGESTION
R1
300K
Volume Control Circuit
Larger volume regulation
time
Smaller volume regulation
time
R2
10K
Mute time constant
Larger mute on/off time
Smaller mute on/off time
P1
50K
Volume Control Circuit
C1
1000
µF
Supply voltage bypass
Danger of oscillation
C2
470nF
Input DC decoupling
Lower low frequency cutoff Higher low frequency cutoff
C3
470nF
Input DC decoupling
Lower low frequency cutoff Higher low frequency cutoff
C4
470
µF
Ripple rejection
Better SVR
Worse SVR
C5
100nF
Volume control time
constant
Larger volume regulation
time
Smaller volume regulation
time
C6
1000
µF
Output DC decoupling
Lower low frequency cutoff Higher low frequency cutoff
C7
1
µF
Mute time constant
Larger mute on/off time
Smaller mute on/off time
C8
1000
µF
Output DC decoupling
Lower low frequency cutoff Higher low frequency cutoff
C9
100nF
Supply voltage bypass
Danger of oscillation
VOLUME
OP AMP
+
-
MUTE/STBY
PROTECTIONS
1
C2 470nF
INR
30K
VOLUME
OP AMP
+
-
30K
C8 1000
µF
C6 1000
µF
C7
1
µF
R2 10K
5
C3 470nF
INL
8
S_GND
2
14
9
10
12
34
R1 300K
C5
100nF
VOLUME
OUTR
S1 STBY
S2 MUTE
OUTL
11
C4 470
µF
SVR
7
D96AU493D
VS
VAROUT_R
PW_GND
15
13
C9
0.1
µF
C1
1000
µF
+VS
PW_GND
VOL
P1
50K
LOG
+5V
TP1
PW_GND
PW_GND
S_GND
+5V
+5V
VAROUT_L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com