Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC5503CBZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HC5503CBZ
Description  Low Cost 24V SLIC For PABX/Key Systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5503CBZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HC5503CBZ Datasheet HTML 9Page - Renesas Technology Corp HC5503CBZ Datasheet HTML 10Page - Renesas Technology Corp HC5503CBZ Datasheet HTML 11Page - Renesas Technology Corp HC5503CBZ Datasheet HTML 12Page - Renesas Technology Corp HC5503CBZ Datasheet HTML 13Page - Renesas Technology Corp HC5503CBZ Datasheet HTML 14Page - Renesas Technology Corp HC5503CBZ Datasheet HTML 15Page - Renesas Technology Corp HC5503CBZ Datasheet HTML 16Page - Renesas Technology Corp HC5503CBZ Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
HC5503
FN4344 Rev 5.00
Page 13 of 17
June 2004
Functional Block Diagram
Pinout
HC5503 (SOIC)
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
TIP
RING
C1
DG
RS
TF
RF
BG
TX
C2
N/C
N/C
AG
N/C
VCC
RX
N/C
RC
PD
N/C
SHD
RD
RFS
VBAT
DIFF
AMP
LOOP
MONITORING
RING
CONTROL
2-WIRE
LOOP
SECONDARY
PROTECTION
LINE
DRIVERS
TIP
RING
VBAT
VBAT
PD
POWER DENIAL
RING
150
RF
BG
TF
TIP
RD
RC
RS
RING SYNC
RING COMMAND
RING
TRIP
SHD
TX
TRANSMIT
OUTPUT
RX
RECEIVE
INPUT
SLIC MICROCIRCUIT
1/2 RING
RELAY
VBAT
RING
VOLTAGE
RFS
1/2 RING
RELAY
150
SWITCH HOOK
DETECTION
BATTERY
FEED
LOOP
CURRENT
LIMITER
-
+
+1
-1
FIGURE 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com