Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC5503TCBZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HC5503TCBZ
Description  Balanced PBX/Key System SLIC, Subscriber Line Interface Circuit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5503TCBZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  HC5503TCBZ Datasheet HTML 1Page - Renesas Technology Corp HC5503TCBZ Datasheet HTML 2Page - Renesas Technology Corp HC5503TCBZ Datasheet HTML 3Page - Renesas Technology Corp HC5503TCBZ Datasheet HTML 4Page - Renesas Technology Corp HC5503TCBZ Datasheet HTML 5Page - Renesas Technology Corp HC5503TCBZ Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HC5503T
FN4506 Rev 2.00
Page 3 of 6
June 2004
Level Linearity
2-Wire to TX, RX to 2-Wire
At 1kHz, (Note 3) Referenced to 0dBm Level
+3 to -40dBm
-
-
0.05
dB
-40 to -50dBm
-
-
0.1
dB
-50 to -55dBm
-
-
0.3
dB
Power Supply Rejection Ratio
(Note 3)
VCC to 2-Wire
200 - 3400kHz, RL = 600
-40-
dB
VCC to Transmit
-40-
dB
VBAT to 2-Wire
-40-
dB
VBAT to Transmit
-40-
dB
Logic Input Current (RS, RC)0V
 VIN  5V
-
-
100
A
Logic Inputs (RS, RC)
Logic ‘0’ VIL
--
0.8
V
Logic ‘1’ VIH
2.0
-
5.5
V
Logic Output (SHD)
Logic ‘0’ VOL
ILOAD 800A, VCC = 5V
-
0.1
0.5
V
Logic ‘1’ VOH
ILOAD 40A, VCC = 5V
2.7
-
5.0
V
NOTE:
3. These parameters are controlled by design or process parameters and are not directly tested. These parameters are characterized upon initial
design release, upon design changes which would affect these characteristics, and at intervals to assure product quality and specification
compliance.
Electrical Specifications
Unless Otherwise Specified, VBAT = -48V, VCC = 5V, AG = BG = DG = 0V, Typical Parameters
TA = 25°C. Min-Max Parameters are Over Operating Temperature Range (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Pinout
HC5503T
(SOIC)
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
TIP
RING
C1
DGND
RS
TF
RF
BGND
TX
N/C
T3
N/C
AGND
T1
N/C
RX
T2
N/C
N/C
N/C
SHD
N/C
VCC
VBAT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com