Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS04KMSR Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HCS04KMSR
Description  Radiation Hardened Hex Inverter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCS04KMSR Datasheet(HTML) 8 Page - Renesas Technology Corp

  HCS04KMSR Datasheet HTML 1Page - Renesas Technology Corp HCS04KMSR Datasheet HTML 2Page - Renesas Technology Corp HCS04KMSR Datasheet HTML 3Page - Renesas Technology Corp HCS04KMSR Datasheet HTML 4Page - Renesas Technology Corp HCS04KMSR Datasheet HTML 5Page - Renesas Technology Corp HCS04KMSR Datasheet HTML 6Page - Renesas Technology Corp HCS04KMSR Datasheet HTML 7Page - Renesas Technology Corp HCS04KMSR Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
HCS04MS
FN3046 Rev 1.00
Page 8 of 8
August 1995
Die Characteristics
DIE DIMENSIONS:
87 x 88 mils
2.20mm x 2.24mm
METALLIZATION:
Type: AlSi
Metal Thickness: 11k
Å 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 13k
Å  2.6kÅ
WORST CASE CURRENT DENSITY:
<2.0 x 105A/cm2
BOND PAD SIZE:
100
m x 100m
4 x 4 mils
Metallization Mask Layout
HCS04MS
Y1 (2)
A2 (3)
Y2 (4)
A3 (5)
(12) Y6
(11) A5
(10) Y5
(9) A4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com