Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS05MS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HCS05MS
Description  Radiation Hardened Hex Inverter with Open Drain
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCS05MS Datasheet(HTML) 3 Page - Renesas Technology Corp

  HCS05MS Datasheet HTML 1Page - Renesas Technology Corp HCS05MS Datasheet HTML 2Page - Renesas Technology Corp HCS05MS Datasheet HTML 3Page - Renesas Technology Corp HCS05MS Datasheet HTML 4Page - Renesas Technology Corp HCS05MS Datasheet HTML 5Page - Renesas Technology Corp HCS05MS Datasheet HTML 6Page - Renesas Technology Corp HCS05MS Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HCS05MS
FN3557 Rev 1.00
Page 3 of 7
September 1995
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Capacitance Power
Dissipation
CPD
VCC = 5.0V, VIH = 5.0V,
VIL = 0.0V, f = 1MHz
1+25oC
-
15
pF
1
+125oC, -55oC
-
23
pF
Input Capacitance
CIN
VCC = 5.0V, VIH = 5.0V,
VIL = 0.0V, f = 1MHz
1+25oC
-
10
pF
1
+125oC, -55oC
-
10
pF
Output Transition
Time
TTHL
VCC = 4.5V, VIH = 4.5V,
VIL = 0.0V
1+25oC
1
15
ns
1
+125oC, -55oC
1
22
ns
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.
TABLE 4. POST IRRADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
TEMPERATURE
200K RAD
LIMITS
UNITS
MIN
MAX
Supply Current
ICC
VCC = 5.5V, VIN = VCC or GND
+25oC-
0.2
mA
Output Current (Sink)
IOL
VCC = VIH = 4.5V, VOUT = 0.4V, VIL = 0V
+25oC4.0
-
mA
Output Voltage Low
VOL
VCC = 5.5V , VIH = 3.85V, VIL = 1.65V,
IOL = 50
A
+25oC-
0.1
V
VCC = 4.5V , VIH = 3.15V, VIL = 1.35V,
IOL = 50
A
+25oC-
0.1
V
Input Leakage Current
IIN
VCC = 5.5V, VIN = VCC or GND
+25oC-
5
A
Three-State Output
Leakage Current
IOZH
VCC = 5.5V, Force Voltage = 0V or VCC
+25oC-
50
A
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH =3.15V, VIL = 1.35V,
(Note 2)
+25oC-
-
V
Propagation Delay
TPLZ
TPZL
VCC = 4.5V, VIH =4.5V, VIL = 0V
+25oC
2
20
ns
NOTES:
1. All voltages referenced to device GND.
2. For functional tests, VO
 4.0V is recognized as a logic “1”, and VO  0.5V is recognized as a logic “0”.
TABLE 5. DELTA PARAMETERS (+25oC)
PARAMETER
SYMBOL
GROUP B SUBGROUP
UNITS
Supply Current
ICC
+3
A
Three-State Leaking Current
IOZH
200
nA
Output Current
IOL
-15
%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com