Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS08D Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HCS08D
Description  Radiation Hardened Quad 2-Input AND Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCS08D Datasheet(HTML) 4 Page - Renesas Technology Corp

  HCS08D Datasheet HTML 1Page - Renesas Technology Corp HCS08D Datasheet HTML 2Page - Renesas Technology Corp HCS08D Datasheet HTML 3Page - Renesas Technology Corp HCS08D Datasheet HTML 4Page - Renesas Technology Corp HCS08D Datasheet HTML 5Page - Renesas Technology Corp HCS08D Datasheet HTML 6Page - Renesas Technology Corp HCS08D Datasheet HTML 7Page - Renesas Technology Corp HCS08D Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HCS08MS
FN3047 Rev 1.00
Page 4 of 8
August 1995
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 0.70(VCC),
VIL = 0.30(VCC) at 200K RAD, (Note 3)
+25oC
---
Input to Yn
TPHL
VCC = 4.5V
+25oC
2
18
ns
TPLH
VCC = 4.5V
+25oC
2
20
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = VCC.
3. For functional tests, VO
 4.0V is recognized as a logic “1”, and VO  0.5V is recognized as a logic “0”.
TABLE 5. BURN-IN AND OPERATING LIFE TEST, DELTA PARAMETERS (+25oC)
PARAMETER
GROUP B
SUBGROUP
DELTA LIMIT
ICC
5
3
A
IOL/IOH
5
-15% of 0 Hour
TABLE 6. APPLICABLE SUBGROUPS
COMFORMANCE GROUP
MIL-STD-883 METHOD
GROUP A SUBGROUPS
TESTED
RECORDED
Initial Test
100% 5004
1, 7, 9
1 (Note 2)
Interim Test
100% 5004
1, 7, 9,
1,
(Note 2)
PDA
100% 5004
1, 7,
Final Test
100% 5004
2, 3, 8A, 8B, 10, 11
Group A (Note 1)
Sample 5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Subgroup B5
Sample 5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11,
1, 2, 3,
(Note 2)
Subgroup B6
Sample 5005
1, 7, 9
Group D
Sample 5005
1, 7, 9
NOTES:
1. Alternate Group A testing in accordance with MIL-STD-883 Method 5005 may be exercised.
2. Table 5 parameters only.
TABLE 7. TOTAL DOSE IRRADIATION
CONFORMANCE
GROUPS
METHOD
TEST
READ AND RECORD
PRE RAD
POST RAD
PRE RAD
POST RAD
Group E Subgroup 2
5005
1, 7, 9
Table 4
1, 9
Table 4 (Note 1)
NOTE:
1. Except FN test which will be performed 100% Go/No-Go.
TABLE 4. DC POST RADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued)
PARAMETERS
SYMBOL
(NOTES 1, 2)
CONDITIONS
TEMPERATURE
200K RAD LIMITS
UNITS
MIN
MAX



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com