Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS11MS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HCS11MS
Description  Radiation Hardened Triple 3-Input AND Gate
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCS11MS Datasheet(HTML) 3 Page - Renesas Technology Corp

  HCS11MS Datasheet HTML 1Page - Renesas Technology Corp HCS11MS Datasheet HTML 2Page - Renesas Technology Corp HCS11MS Datasheet HTML 3Page - Renesas Technology Corp HCS11MS Datasheet HTML 4Page - Renesas Technology Corp HCS11MS Datasheet HTML 5Page - Renesas Technology Corp HCS11MS Datasheet HTML 6Page - Renesas Technology Corp HCS11MS Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HCS11MS
FN3048 Rev 0.00
Page 3 of 7
November 1994
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Input to Yn
TPHL
VCC = 4.5V
9
+25oC
2
18
ns
10, 11
+125oC, -55oC
2
20
ns
Input to Yn
TPLH
VCC = 4.5V
9
+25oC
2
20
ns
10, 11
+125oC, -55oC
2
22
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = VCC.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Capacitance Power
Dissipation
CPD
VCC = 5.0V, f = 1MHz
1
+25oCTypical 20
pF
1
+125oCTypical 30
pF
Input Capacitance
CIN
VCC = Open, f = 1MHz
1
+25oC
-
10
pF
1
+125oC
-
10
pF
Output Transition
Time
TTHL
TTLH
VCC = 4.5V
1
+25oC
-
15
ns
1
+125oC
-
22
ns
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.
TABLE 4. DC POST RADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETERS
SYMBOL
(NOTES 1, 2)
CONDITIONS
TEMP-
ERATURE
200K RAD LIMITS
1M RAD LIMITS
UNITS
MIN
MAX
MIN
MAX
Quiescent Current
ICC
VCC = 5.5V, VIN = VCC or GND
+25oC
-
0.2
-
1.0
mA
Output Current (Sink)
IOL
VCC = 4.5V, VIN = VCC or GND,
VOUT = 0.4V
+25oC4.0
-
4.0
-
mA
Output Current
(Source)
IOH
VCC = 4.5V, VIN = VCC or GND,
VOUT = VCC -0.4V
+25oC-4.0
-
-4.0
-
mA
Output Voltage Low
VOL
VCC = 4.5V and 5.5V,
VIH = 0.70(VCC),
VIL = 0.30(VCC) at 200K RAD,
VIL = 0.12(VCC) at 1M RAD,
IOL = 50
A
+25oC
-
0.1
-
0.1
V
Output Voltage High
VOH
VCC = 4.5V and 5.5V,
VIH = 0.70(VCC),
VIL = 0.30(VCC) at 200K RAD,
VIL = 0.12(VCC) at 1M RAD,
IOH = -50
A
+25oCVCC
-0.1
-VCC
-0.1
-V
Input Leakage Current
IIN
VCC = 5.5V, VIN = VCC or GND
+25oC-
5-
5
A
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 0.70(VCC),
VIL = 0.30(VCC) at 200K RAD,
VIL = 0.12(VCC) at 1M RAD
(Note 3)
+25oC
-----



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com