Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS138HMSR Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HCS138HMSR
Description  Radiation Hardened Inverting3-to-8 Line Decoder/Demultiplexer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCS138HMSR Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HCS138HMSR Datasheet HTML 3Page - Renesas Technology Corp HCS138HMSR Datasheet HTML 4Page - Renesas Technology Corp HCS138HMSR Datasheet HTML 5Page - Renesas Technology Corp HCS138HMSR Datasheet HTML 6Page - Renesas Technology Corp HCS138HMSR Datasheet HTML 7Page - Renesas Technology Corp HCS138HMSR Datasheet HTML 8Page - Renesas Technology Corp HCS138HMSR Datasheet HTML 9Page - Renesas Technology Corp HCS138HMSR Datasheet HTML 10Page - Renesas Technology Corp HCS138HMSR Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
HCS138MS
FN2473 Rev 3.01
Page 9 of 10
Feb 24, 2022
Die Characteristics
DIE DIMENSIONS:
85 x 101 mils
METALLIZATION:
Type: SiAl
Metal Thickness: 11k
Å 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 13k
Å  2.6kÅ
WORST CASE CURRENT DENSITY:
<2.0 x 105A/cm2
BOND PAD SIZE:
100
m x 100m
4 x 4 mils
Metallization Mask Layout
HCS138MS
NOTE: The die diagram is a generic plot from a similar HCS device. It is intended to indicate approximate die size and bond pad location. The
mask series for the HCS138 is TA14361A.
A1
A0
VCC
A2 (3)
E1 (4)
E2 (5)
E3 (6)
(8)
(9)
(10)
(11) Y4
(12) Y3
(13) Y2
(14) Y1
(2)
(1)
(16)
GND
Y6
Y5
(7)
Y0
(15)
NC
NC
Y7
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com