Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS139KMSR Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HCS139KMSR
Description  Radiation Hardened Dual 2-to-4 Line Decoder/Demultiplexer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCS139KMSR Datasheet(HTML) 9 Page - Renesas Technology Corp

  HCS139KMSR Datasheet HTML 1Page - Renesas Technology Corp HCS139KMSR Datasheet HTML 2Page - Renesas Technology Corp HCS139KMSR Datasheet HTML 3Page - Renesas Technology Corp HCS139KMSR Datasheet HTML 4Page - Renesas Technology Corp HCS139KMSR Datasheet HTML 5Page - Renesas Technology Corp HCS139KMSR Datasheet HTML 6Page - Renesas Technology Corp HCS139KMSR Datasheet HTML 7Page - Renesas Technology Corp HCS139KMSR Datasheet HTML 8Page - Renesas Technology Corp HCS139KMSR Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
HCS139MS
FN3560 Rev 1.00
Page 9 of 9
September 1995
Die Characteristics
DIE DIMENSIONS:
106 mils x 108 mils x 19 mils ±1 mils
METALLIZATION:
Type: SiAl
Metal Thickness: 11k
Å 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 13k
Å  2.6kÅ
WORST CASE CURRENT DENSITY:
<2.0 x 105A/cm2
BOND PAD SIZE:
100
m x 100m
4 mils x 4 mils
Metallization Mask Layout
HCS139MS
NOTE: The die diagram is a generic plot from a similar HCS device. It is intended to indicate approximate die size and bond pad location. The mask
series for the HCS139 is TA14309A.
(14) 2A0
(13) 2A1
(12) 2Y0
(11) 2Y1
(10) 2Y2
1A1 (3)
1Y0 (4)
1Y1 (5)
1Y2 (6)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com