Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS161K Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HCS161K
Description  Radiation Hardened Synchronous Counter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCS161K Datasheet(HTML) 1 Page - Renesas Technology Corp

  HCS161K Datasheet HTML 1Page - Renesas Technology Corp HCS161K Datasheet HTML 2Page - Renesas Technology Corp HCS161K Datasheet HTML 3Page - Renesas Technology Corp HCS161K Datasheet HTML 4Page - Renesas Technology Corp HCS161K Datasheet HTML 5Page - Renesas Technology Corp HCS161K Datasheet HTML 6Page - Renesas Technology Corp HCS161K Datasheet HTML 7Page - Renesas Technology Corp HCS161K Datasheet HTML 8Page - Renesas Technology Corp HCS161K Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FN2469 Rev 2.00
Page 1 of 9
September 1995
FN2469
Rev 2.00
September 1995
HCS161MS
Radiation Hardened Synchronous Counter
DATASHEET
Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/
Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Cosmic Ray Upset Immunity 2 x 10-9 Error/Bit Day
(Typ)
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 0.3 VCC Max
- VIH = 0.7 VCC Min
• Input Current Levels Ii
 5A at VOL, VOH
Description
The Intersil HCS161MS is a Radiation Hardened 4-Input
Binary; synchronous counter featuring asynchronous reset
and look-ahead carry logic. The HCS161 has an active-low
master reset to zero, MR. A low level at the synchronous
parallel enable, SPE, disables counting and allows data at
the preset inputs (p0 - p3) to load the counter. The data is
latched to the outputs on the positive edge of the clock input,
CP. The HCS161MS has two count output, IC. The terminal
count output indicates a maximum count for one clock pulse
and is used to enable the next cascaded stage to count.
The HCS161MS utilizes advanced CMOS/SOS technology
to achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCS161MS is supplied in a 16 lead Ceramic
flatpack (K suffix) or a SBDIP Package (D suffix).
Pinouts
16 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835 CDIP2-T16
TOP VIEW
16 LEAD CERAMIC METAL SEAL
FLATPACK PACKAGE (FLATPACK)
MIL-STD-1835 CDFP4-F16
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
CP
P0
P1
P2
P3
GND
PE
Q0
Q1
Q2
Q3
TE
TC
MR
VCC
SPEN
2
3
4
5
6
7
8
116
15
14
13
12
11
10
9
CP
P0
P1
P2
P3
GND
PE
MR
Q0
Q1
Q2
Q3
TE
TC
VCC
SPE
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
HCS161DMSR
-55oC to +125oC
Intersil Class S Equivalent
16 Lead SBDIP
HCS161KMSR
-55oC to +125oC
Intersil Class S Equivalent
16 Lead Ceramic Flatpack
HCS161D/Sample
+25oC
Sample
16 Lead SBDIP
HCS161K/Sample
+25oC
Sample
16 Lead Ceramic Flatpack
HCS161HMSR
+25oCDie
Die


Similar Part No. - HCS161K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS161K INTERSIL-HCS161K Datasheet
127Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
HCS161KMSR INTERSIL-HCS161KMSR Datasheet
127Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
More results

Similar Description - HCS161K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS160MS INTERSIL-HCS160MS Datasheet
120Kb / 9P
Radiation Hardened BCD Decade Synchronous Counter
September 1995
HCS161MS INTERSIL-HCS161MS Datasheet
127Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
HCS163MS INTERSIL-HCS163MS Datasheet
131Kb / 9P
Radiation Hardened Synchronous Presettable Counter
September 1995
HCTS160MS INTERSIL-HCTS160MS Datasheet
138Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
HCTS160T INTERSIL-HCTS160T Datasheet
91Kb / 3P
Radiation Hardened Synchronous Counter
July 1999
HCTS161AMS INTERSIL-HCTS161AMS Datasheet
115Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
HCTS163MS INTERSIL-HCTS163MS Datasheet
152Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
logo
Renesas Technology Corp
ACTS161MS RENESAS-ACTS161MS Datasheet
218Kb / 4P
Radiation Hardened 4-Bit Synchronous Counter
January 1996
HCS163MS RENESAS-HCS163MS Datasheet
407Kb / 9P
Radiation Hardened Synchronous Presettable Counter
September 1995
HCTS161AMS RENESAS-HCTS161AMS Datasheet
396Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com