Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS165D Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HCS165D
Description  Radiation Hardened Inverting 8-Bit Parallel-Input/Serial Output Shift Register
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCS165D Datasheet(HTML) 4 Page - Renesas Technology Corp

  HCS165D Datasheet HTML 1Page - Renesas Technology Corp HCS165D Datasheet HTML 2Page - Renesas Technology Corp HCS165D Datasheet HTML 3Page - Renesas Technology Corp HCS165D Datasheet HTML 4Page - Renesas Technology Corp HCS165D Datasheet HTML 5Page - Renesas Technology Corp HCS165D Datasheet HTML 6Page - Renesas Technology Corp HCS165D Datasheet HTML 7Page - Renesas Technology Corp HCS165D Datasheet HTML 8Page - Renesas Technology Corp HCS165D Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HCS165MS
FN2481 Rev 2.00
Page 4 of 9
September 1995
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
CP or CE to Q7 or
Q7
TPLH
TPHL
VCC = 4.5V
9
+25oC
2
35
ns
10, 11
+125oC, -55oC
2
41
ns
PEN to Q7 or Q7
TPLH
TPHL
VCC = 4.5V
9
+25oC
2
40
ns
10, 11
+125oC, -55oC
2
46
ns
D7 to Q7
TPLH
TPHL
VCC = 4.5V
9
+25oC
2
27
ns
10, 11
+125oC, -55oC
2
31
ns
D7 to Q7
TPLH
TPHL
VCC = 4.5V
9
+25oC
2
29
ns
10, 11
+125oC, -55oC
2
35
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = VCC.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Capacitance Power
Dissipation
CPD
VCC = 5.0V, VIH = 5.0V, VIL = 0.0V,
f = 1MHz
+25oC
-
41
pF
+125oC, -55oC
-
56
pF
Input Capacitance
CIN
VCC = 5.0V, VIH = 5.0V, VIL = 0.0V,
f = 1MHz
+25oC
-
10
pF
+125oC, -55oC
-
10
pF
Output Capacitance
COUT
VCC = 5.0V, VIH = 5.0V, VIL = 0.0V,
f = 1MHz
+25oC
-
20
pF
+125oC, -55oC
-
20
pF
Pulse Width Time CP,
PL
TW
VCC = 4.5V, VIH = 4.5V, VIL = 0.0V
+25oC16
-
ns
+125oC, -55oC24
-
ns
Setup Time
DS to CP, CE to CP,
Dn to PL
TSU
VCC = 4.5V, VIH = 4.5V, VIL = 0.0V
+25oC16
-
ns
+125oC, -55oC24
-
ns
Hold Time
DS to CP, CE
TH
VCC = 4.5V, VIH = 4.5V, VIL = 0.0V
+25oC7
-
ns
+125oC, -55oC11
-
ns
Hold Time
CE to CP
TH
VCC = 4.5V, VIH = 4.5V, VIL = 0.0V
+25oC0
-
ns
+125oC, -55oC0
-
ns
Recovery Time
PL to CP
TREC
VCC = 4.5V, VIH = 4.5V, VIL = 0.0V
+25oC20
-
ns
+125oC, -55oC30
-
ns
Maximum
Frequency
FMAX
VCC = 4.5V, VIH = 4.5V, VIL = 0.0V
+25oC30
-
MHz
+125oC, -55oC20
-
MHz
Output Transition Time
TTHL
TTLH
VCC = 4.5V, VIH = 4.5V, VIL = 0.0V
+25oC
1
15
ns
+125oC, -55oC
1
22
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com