Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS193MS Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HCS193MS
Description  Radiation Hardened Synchronous 4-Bit Up/Down Counter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCS193MS Datasheet(HTML) 8 Page - Renesas Technology Corp

  HCS193MS Datasheet HTML 1Page - Renesas Technology Corp HCS193MS Datasheet HTML 2Page - Renesas Technology Corp HCS193MS Datasheet HTML 3Page - Renesas Technology Corp HCS193MS Datasheet HTML 4Page - Renesas Technology Corp HCS193MS Datasheet HTML 5Page - Renesas Technology Corp HCS193MS Datasheet HTML 6Page - Renesas Technology Corp HCS193MS Datasheet HTML 7Page - Renesas Technology Corp HCS193MS Datasheet HTML 8Page - Renesas Technology Corp HCS193MS Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
HCS193MS
FN3065 Rev 1.00
Page 8 of 9
September 1995
AC Timing Diagrams
AC Timing Diagrams
AC Load Circuit
FIGURE 1. CLOCK TO OUTPUT DELAYS AND CLOCK PULSE
WIDTH
FIGURE 2. CLOCK TO TERMINAL COUNT DELAYS
FIGURE 3. PARALLEL LOAD PULSE WIDTH, PARALLEL
LOAD TO OUTPUT DELAYS, AND PARALLEL
LOAD TO CLOCK RECOVERY TIME
FIGURE 4. MASTER RESET PULSE WIDTH, MASTER RESET
TO OUTPUT DELAY AND MASTER RESET TO
CLOCK RECOVERY TIME
FIGURE 5. SETUP AND HOLD TIMES DATA TO PARALLEL
LOAD (PL)
FIGURE 6. OUTPUT TRANSITION TIME
I/FMAX
VS
VS
VS
TW
TPHL
TPLH
INPUT LEVEL
CPU OR CPD
VS
VS
QN
TPLH
TPHL
VS
VS
VS
VS
CPU OR CPD
INPUT LEVEL
TCU OR TCD
PN
PL
CPU
QN
INPUT LEVEL
INPUT LEVEL
INPUT
TPLH
VS
LEVEL
VS
VS
VS
TW
TW
TREC
VS
VS
VS
TPHL
OR
CPD
TW
TREC
MR
CPU OR CPD
QN
TPHL
VS
VS
VS
VS
INPUT LEVEL
INPUT LEVEL
VS
VS
VS
VS
TSU(L)
TSU(H)
TH
TH
Q = p
Q = p
PL
PN
QN
INPUT
LEVEL
INPUT
LEVEL
OUTPUT
TTHL
80%
20%
80%
20%
VOH
VOL
TTLH
AC VOLTAGE LEVELS
PARAMETER
HCS
UNITS
VCC
4.50
V
VIH
4.50
V
VS
2.25
V
VIL
0
V
GND
0
V
DUT
TEST
CL
RL
POINT
CL = 50pF
RL = 500



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com