Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS193D Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HCS193D
Description  Radiation Hardened Synchronous 4-Bit Up/Down Counter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCS193D Datasheet(HTML) 4 Page - Renesas Technology Corp

  HCS193D Datasheet HTML 1Page - Renesas Technology Corp HCS193D Datasheet HTML 2Page - Renesas Technology Corp HCS193D Datasheet HTML 3Page - Renesas Technology Corp HCS193D Datasheet HTML 4Page - Renesas Technology Corp HCS193D Datasheet HTML 5Page - Renesas Technology Corp HCS193D Datasheet HTML 6Page - Renesas Technology Corp HCS193D Datasheet HTML 7Page - Renesas Technology Corp HCS193D Datasheet HTML 8Page - Renesas Technology Corp HCS193D Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HCS193MS
FN3065 Rev 1.00
Page 4 of 9
September 1995
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
CPU to Qn
TPLH
VCC = 4.5V
9
+25oC
2
31
ns
10, 11
+125oC, -55oC
2
38
ns
TPHL
VCC = 4.5V
9
+25oC
2
31
ns
10, 11
+125oC, -55oC
2
36
ns
CPU TO TCU
TPLH,
TPHL
VCC = 4.5V
9
+25oC
2
23
ns
10, 11
+125oC, -55oC
2
27
ns
CPD TO TCD
TPLH,
TPHL
VCC = 4.5V
9
+25oC
2
23
ns
10, 11
+125oC, -55oC
2
27
ns
CPD to Qn
TPLH
VCC = 4.5V
9
+25oC
2
32
ns
10, 11
+125oC, -55oC
2
39
ns
TPHL
VCC = 4.5V
9
+25oC
2
31
ns
10, 11
+125oC, -55oC
2
37
ns
PL to Qn
TPLH
VCC = 4.5V
9
+25oC
2
26
ns
10, 11
+125oC, -55oC
2
31
ns
TPHL
VCC = 4.5V
9
+25oC
2
34
ns
10, 11
+125oC, -55oC
2
40
ns
MR to Qn
TPHL,
TPLH
VCC = 4.5V
9
+25oC
2
33
ns
10, 11
+125oC, -55oC
2
38
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = VCC.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Capacitance Power Dissipation
CPD
VCC = 5.0V, f = 1MHz
+25oC
-
53
pF
+125oC, -55oC
-
75
pF
Input Capacitance
CIN
VCC = 5.0V, f = 1MHz
+25oC
-
10
pF
+125oC, -55oC
-
10
pF
Output Transition Time
TTHL
TTLH
VCC = 4.5V
+25oC
-
15
ns
+125oC, -55oC
-
22
ns
Maximum Operating Frequency
(CPU, CPD)
FMAX
VCC = 4.5V
+25oC-
25
MHz
+125oC, -55oC-
17
MHz
Setup Time Pn to PL
TSU
VCC = 4.5V
+25oC16
-
ns
+125oC, -55oC24
-
ns
Hold Time Pn to PL
TH
VCC = 4.5V
+25oC0
-
ns
+125oC, -55oC0
-
ns
Hold Time CPD to CPU or CPU to
CPD
TH
VCC = 4.5V
+25oC16
-
ns
+125oC, -55oC24
-
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com