Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS240D Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HCS240D
Description  Radiation Hardened Octal Buffer/Line Driver, Three-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCS240D Datasheet(HTML) 5 Page - Renesas Technology Corp

  HCS240D Datasheet HTML 1Page - Renesas Technology Corp HCS240D Datasheet HTML 2Page - Renesas Technology Corp HCS240D Datasheet HTML 3Page - Renesas Technology Corp HCS240D Datasheet HTML 4Page - Renesas Technology Corp HCS240D Datasheet HTML 5Page - Renesas Technology Corp HCS240D Datasheet HTML 6Page - Renesas Technology Corp HCS240D Datasheet HTML 7Page - Renesas Technology Corp HCS240D Datasheet HTML 8Page - Renesas Technology Corp HCS240D Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HCS240MS
FN3562 Rev 1.00
Page 5 of 10
September 1995
TABLE 4. POST IRRADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
TEMPERATURE
200K RAD
LIMITS
UNITS
MIN
MAX
Supply Current
ICC
VCC = 5.5V, VIN = VCC or GND
+25oC-
0.75
mA
Output Current
(Source)
IOH
VCC = VIH = 4.5V, VOUT = VCC -0.4V,
VIL = 0
+25oC-6.0
-
mA
Output Current (Sink)
IOL
VCC = VIH = 4.5V, VOUT = 0.4V,
VIL = 0
+25oC6.0
-
mA
Output Voltage High
VOH
VCC = 5.5V, VIH = 3.85V,
VIL = 1.65V, IOH = -50
A
+25oCVCC
-0.1
-V
VCC = 4.5V, VIH = 3.15V,
VIL = 1.35V, IOH = -50
A
+25oCVCC
-0.1
-V
Output Voltage Low
VOL
VCC = 5.5V, VIH = 3.85V,
VIL = 1.65V, IOL = 50
A
+25oC-
0.1
V
VCC = 4.5V, VIH = 3.15V,
VIL = 1.35V, IOL = 50
A
+25oC-
0.1
V
Input Leakage Current
IIN
VCC = 5.5V, VIN = VCC or GND
+25oC-
5
A
Three-State Output
Leakage Current
IOZ
VCC = 5.5V, Force Voltage = 0V or VCC
+25oC-
50
A
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 3.15V, VIL = 1.35V,
(Note 2)
+25oC-
-
V
Propagation Delay
TPHL1
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
+25oC
2
20
ns
Propagation Delay
TPLH1
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
+25oC
2
21
ns
Propagation Delay
TPZL1
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
+25oC
2
25
ns
Propagation Delay
TPLZ1
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
+25oC
2
23
ns
Propagation Delay
TPZH1
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
+25oC
2
22
ns
Propagation Delay
TPHZ1
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
+25oC
2
21
ns
NOTES:
1. All voltages referenced to device GND.
2. For functional tests, VO
4.0V is recognized as a logic “1”, and VO 0.5V is recognized as a logic “0”.
TABLE 5. BURN-IN AND OPERATING LIFE TEST, DELTA PARAMETERS (+25oC)
PARAMETER
GROUP B
SUBGROUP
DELTA LIMIT
ICC
5
12
A
IOL/IOH
5
-15% of 0 Hour
IOZ
5
200nA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com