Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS240K Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HCS240K
Description  Radiation Hardened Octal Buffer/Line Driver, Three-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCS240K Datasheet(HTML) 4 Page - Renesas Technology Corp

  HCS240K Datasheet HTML 1Page - Renesas Technology Corp HCS240K Datasheet HTML 2Page - Renesas Technology Corp HCS240K Datasheet HTML 3Page - Renesas Technology Corp HCS240K Datasheet HTML 4Page - Renesas Technology Corp HCS240K Datasheet HTML 5Page - Renesas Technology Corp HCS240K Datasheet HTML 6Page - Renesas Technology Corp HCS240K Datasheet HTML 7Page - Renesas Technology Corp HCS240K Datasheet HTML 8Page - Renesas Technology Corp HCS240K Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HCS240MS
FN3562 Rev 1.00
Page 4 of 10
September 1995
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Propagation Delay
TPHL1
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
9+25oC
2
18
ns
10, 11
+125oC, -55oC
2
20
ns
Propagation Delay
TPLH1
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
9+25oC
2
19
ns
10, 11
+125oC, -55oC
2
21
ns
Propagation Delay
TPZL1
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
9+25oC
2
22
ns
10, 11
+125oC, -55oC
2
25
ns
Propagation Delay
TPLZ1
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
9+25oC
2
21
ns
10, 11
+125oC, -55oC
2
23
ns
Propagation Delay
TPZH1
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
9+25oC
2
20
ns
10, 11
+125oC, -55oC
2
22
ns
Propagation Delay
TPHZ1
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
9+25oC
2
20
ns
10, 11
+125oC, -55oC
2
21
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
, CL = 50pF, Input TR = TF = 3ns.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Capacitance Power
Dissipation
CPD
VCC = 5.0V, VIH = 5.0V,
VIL = 0V, f = 1MHz
+25oC
-
56
pF
+125oC, -55oC
-
86
pF
Input Capacitance
CIN
VCC = 5.0V, VIH = 5.0V,
VIL = 0V, f = 1MHz
+25oC
-
10
pF
+125oC, -55oC
-
10
pF
Output Capacitance
COUT
VCC = 5.0V, VIH = 5.0V,
VIL = 0V, f = 1MHz
+25oC
-
20
pF
+125oC, -55oC
-
20
pF
Output Transition Time
TTHL
TTLH
VCC = 4.5V, VIH = 4.5V,
VIL = 0V
+25oC
1
15
ns
+125oC, -55oC
1
22
ns
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com