Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV1117CDCYG3 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1117CDCYG3
Description  ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1117CDCYG3 Datasheet(HTML) 3 Page - Texas Instruments

  TLV1117CDCYG3 Datasheet HTML 1Page - Texas Instruments TLV1117CDCYG3 Datasheet HTML 2Page - Texas Instruments TLV1117CDCYG3 Datasheet HTML 3Page - Texas Instruments TLV1117CDCYG3 Datasheet HTML 4Page - Texas Instruments TLV1117CDCYG3 Datasheet HTML 5Page - Texas Instruments TLV1117CDCYG3 Datasheet HTML 6Page - Texas Instruments TLV1117CDCYG3 Datasheet HTML 7Page - Texas Instruments TLV1117CDCYG3 Datasheet HTML 8Page - Texas Instruments TLV1117CDCYG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
www.ti.com
TLV1117
ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
SLVS561G – DECEMBER 2004 – REVISED APRIL 2006
TLV1117I ORDERING INFORMATION
TA
VO TYP
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN – DRJ
Reel of 1000
TLV1117-15IDRJR
ZYJ
Tube of 80
TLV1117-15IDCY
1.5 V
SOT-223 – DCY
T3
Reel of 2500
TLV1117-15IDCYR
TO-252 – KVU
Reel of 2500
TLV1117-15IKVUR
ZF15
QFN – DRJ
Reel of 1000
TLV1117-18IDRJR
ZYL
Tube of 80
TLV1117-18IDCY
1.8 V
SOT-223 – DCY
T5
Reel of 2500
TLV1117-18IDCYR
TO-252 – KVU
Reel of 2500
TLV1117-18IKVUR
ZF18
QFN – DRJ
Reel of 1000
TLV1117-25IDRJR
ZYN
Tube of 80
TLV1117-25IDCY
2.5 V
SOT-223 – DCY
T8
Reel of 2500
TLV1117-25IDCYR
TO-252 – KVU
Reel of 2500
TLV1117-25IKVUR
ZF25
QFN – DRJ
Reel of 1000
TLV1117-33IDRJR
ZYR
–40
°C to 125°C
Tube of 80
TLV1117-33IDCY
3.3 V
SOT-223 – DCY
VS
Reel of 2500
TLV1117-33IDCYR
TO-252 – KVU
Reel of 2500
TLV1117-33IKVUR
ZF33
QFN – DRJ
Reel of 1000
TLV1117-50IDRJR
ZF50
Tube of 80
TLV1117-50IDCY
5 V
SOT-223 – DCY
VU
Reel of 2500
TLV1117-50IDCYR
TO-252 – KVU
Reel of 2500
TLV1117-50IKVUR
ZF50
PowerFLEX – KTE
Reel of 2000
TLV1117IKTER
TLV1117I
PowerFLEX/TO-252(2) – KTP
Reel of 2000
TLV1117IKTPR
TY1117
QFN – DRJ
Reel of 1000
TLV1117IDRJR
ZYT
ADJ
Tube of 80
TLV1117IDCY
SOT-223 – DCY
V2
Reel of 2500
TLV1117IDCYR
TO-220 – KCS
Tube of 50
TLV1117IKCS
TLV1117I
TO-252 – KVU
Reel of 2500
TLV1117IKVUR
TY1117
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
Complies with TO-252, variation AC
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com