Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS374KMSR Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HCS374KMSR
Description  Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCS374KMSR Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HCS374KMSR Datasheet HTML 2Page - Renesas Technology Corp HCS374KMSR Datasheet HTML 3Page - Renesas Technology Corp HCS374KMSR Datasheet HTML 4Page - Renesas Technology Corp HCS374KMSR Datasheet HTML 5Page - Renesas Technology Corp HCS374KMSR Datasheet HTML 6Page - Renesas Technology Corp HCS374KMSR Datasheet HTML 7Page - Renesas Technology Corp HCS374KMSR Datasheet HTML 8Page - Renesas Technology Corp HCS374KMSR Datasheet HTML 9Page - Renesas Technology Corp HCS374KMSR Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
HCS374MS
FN2470 Rev 3.00
Page 8 of 10
November 11, 2004
AC Load Circuit
AC Timing Diagrams
FIGURE 1. CLOCK TO OUTPUT DELAYS AND CLOCK PULSE
WIDTH
FIGURE 2. DATA SET-UP AND HOLD TIMES
FIGURE 3. OUTPUT TRANSITION TIME
CP
VS
TW
VS
VS
VS
INPUT
LEVEL
VS
tr
90%
10%
tf
10%
TPLH
TPHL
Qn
VS
INPUT
VS
D
LEVEL
CP
TSU(H)
TSU(L)
VS
VS
TH(L)
VS
TH(H)
OUTPUT
TTHL
80%
20%
80%
20%
VOH
VOL
TTLH
AC VOLTAGE LEVELS
PARAMETER
HCS
UNITS
VCC
4.50
V
VIH
4.50
V
VS
2.25
V
VIL
0
V
GND
0
V
DUT
TEST
CL
RL
POINT
CL = 50pF
RL = 500



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com