Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS374D Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HCS374D
Description  Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCS374D Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HCS374D Datasheet HTML 2Page - Renesas Technology Corp HCS374D Datasheet HTML 3Page - Renesas Technology Corp HCS374D Datasheet HTML 4Page - Renesas Technology Corp HCS374D Datasheet HTML 5Page - Renesas Technology Corp HCS374D Datasheet HTML 6Page - Renesas Technology Corp HCS374D Datasheet HTML 7Page - Renesas Technology Corp HCS374D Datasheet HTML 8Page - Renesas Technology Corp HCS374D Datasheet HTML 9Page - Renesas Technology Corp HCS374D Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
HCS374MS
FN2470 Rev 3.00
Page 10 of 10
November 11, 2004
Die Characteristics
DIE DIMENSIONS:
108 x 106 mils
METALLIZATION:
Type: AlSi
Metal Thickness: 11k
Å 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 13k
Å  2.6kÅ
WORST CASE CURRENT DENSITY:
< 2.0 x 105A/cm2
BOND PAD SIZE:
100
m x 100m
4 mils x 4 mils
Metallization Mask Layout
HCS374MS
NOTE: The die diagram is a generic plot from a similar HCS device. It is intended to indicate approximate die size and bond pad location. The mask
series for the HCS374 is TA14304B.
D1 (4)
Q1 (5)
Q2 (6)
D2 (7)
(8)
D3
(9)
Q3
(10)
GND
(11)
CP
(12)
Q4
(13)
D4
(18) D7
(17) D6
(16) Q6
(15) Q5
(14) D5
Q0
(2)
D0
(3)
OE
(1)
VCC
(20)
Q7
(19)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com