Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS374K Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HCS374K
Description  Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCS374K Datasheet(HTML) 4 Page - Renesas Technology Corp

  HCS374K Datasheet HTML 1Page - Renesas Technology Corp HCS374K Datasheet HTML 2Page - Renesas Technology Corp HCS374K Datasheet HTML 3Page - Renesas Technology Corp HCS374K Datasheet HTML 4Page - Renesas Technology Corp HCS374K Datasheet HTML 5Page - Renesas Technology Corp HCS374K Datasheet HTML 6Page - Renesas Technology Corp HCS374K Datasheet HTML 7Page - Renesas Technology Corp HCS374K Datasheet HTML 8Page - Renesas Technology Corp HCS374K Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HCS374MS
FN2470 Rev 3.00
Page 4 of 10
November 11, 2004
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Clock to Q
TPLH,
TPHL
VCC = 4.5V
9
+25oC
2
22
ns
10, 11
+125oC, -55oC
2
26
ns
Enable to Output
TPZL,
TPZH
VCC = 4.5V
9
+25oC
2
20
ns
10, 11
+125oC, -55oC
2
23
ns
Disable to Output
TPLZ
VCC = 4.5V
9
+25oC
2
20
ns
10, 11
+125oC, -55oC
2
23
ns
TPHZ
VCC = 4.5V
9
+25oC
2
18
ns
10, 11
+125oC, -55oC
2
20
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = VCC.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Capacitance Power Dissipation
CPD
VCC = 5.0V, f = 1MHz
+25oC
-
11
pF
+125oC, -55oC
-
35
pF
Input Capacitance
CIN
VCC = 5.0V, f = 1MHz
+25oC
-
10
pF
+125oC
-
10
pF
Output Transition Time
TTHL
TTLH
VCC = 4.5V
+25oC
-
12
ns
+125oC, -55oC
-
18
ns
Max Operating Frequency
FMAX
VCC = 4.5V
+25oC-
30
MHz
+125oC, -55oC-
20
MHz
Setup Time Data to Clock
TSU
VCC = 4.5V
+25oC12
-
ns
+125oC, -55oC18
-
ns
Hold Time Data to Clock
TH
VCC = 4.5V
+25oC5
-
ns
+125oC, -55oC5
-
ns
Pulse Width Clock
TW
VCC = 4.5V
+25oC16
-
ns
+125oC, -55oC24
-
ns
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com