Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS573D Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HCS573D
Description  Radiation Hardened Octal Transparent Latch, Three-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCS573D Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HCS573D Datasheet HTML 2Page - Renesas Technology Corp HCS573D Datasheet HTML 3Page - Renesas Technology Corp HCS573D Datasheet HTML 4Page - Renesas Technology Corp HCS573D Datasheet HTML 5Page - Renesas Technology Corp HCS573D Datasheet HTML 6Page - Renesas Technology Corp HCS573D Datasheet HTML 7Page - Renesas Technology Corp HCS573D Datasheet HTML 8Page - Renesas Technology Corp HCS573D Datasheet HTML 9Page - Renesas Technology Corp HCS573D Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
HCS573MS
FN4056 Rev 0.00
Page 8 of 10
September 1995
AC Timing Diagrams
AC Load Circuit
FIGURE 1. LATCH ENABLE PROPAGATION DELAYS
FIGURE 2. LATCH ENABLE PREREQUISITE TIMES
FIGURE 3. DATA SET-UP AND HOLD TIMES
LE
DATA
VS
TW
VS
VS
VS
INPUT
LEVEL
VS
TPLH
VS
QN
VS
TPHL
TSU(H)
TH(H)
TSU(L)
TH(L)
INPUT
DATA
LE
LEVEL
QN
VS
VS
VS
VS
VS
VS
OUTPUT
TTHL
80%
20%
80%
20%
VOH
VOL
TTLH
AC VOLTAGE LEVELS
PARAMETER
HCS
UNITS
VCC
4.50
V
VIH
4.50
V
VS
2.25
V
VIL
0
V
GND
0
V
DUT
TEST
CL
RL
POINT
CL = 50pF
RL = 500



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com