Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS573K Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HCS573K
Description  Radiation Hardened Octal Transparent Latch, Three-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCS573K Datasheet(HTML) 1 Page - Renesas Technology Corp

  HCS573K Datasheet HTML 1Page - Renesas Technology Corp HCS573K Datasheet HTML 2Page - Renesas Technology Corp HCS573K Datasheet HTML 3Page - Renesas Technology Corp HCS573K Datasheet HTML 4Page - Renesas Technology Corp HCS573K Datasheet HTML 5Page - Renesas Technology Corp HCS573K Datasheet HTML 6Page - Renesas Technology Corp HCS573K Datasheet HTML 7Page - Renesas Technology Corp HCS573K Datasheet HTML 8Page - Renesas Technology Corp HCS573K Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FN4056 Rev 0.00
Page 1 of 10
September 1995
FN4056
Rev 0.00
September 1995
HCS573MS
Radiation Hardened Octal Transparent Latch, Three-State
DATASHEET
Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/
Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Fanout (Over Temperature Range)
- Bus Driver Outputs - 15 LSTTL Loads
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 0.3 VCC Max
- VIH = 0.7 VCC Min
• Input Current Levels Ii
 5A at VOL, VOH
Description
The Intersil HCS573MS is a Radiation Hardened octal trans-
parent three-state latch with an active low output enable.
The HCS573MS utilizes advanced CMOS/SOS technology.
The outputs are transparent to the inputs when the Latch
Enable (LE) is HIGH. When the Latch Enable (LE) goes
LOW, the data is latched. The Output Enable (OE) controls
the tri-state outputs. When the Output Enable (OE) is HIGH,
the outputs are in the high impedance state. The latch oper-
ation is independent of the state of the Output Enable.
The HCS573MS utilizes advanced CMOS/SOS technology
to achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCS573MS is supplied in a 20 lead Ceramic
flatpack (K suffix) or a SBDIP Package (D suffix).
Pinouts
20 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835 CDIP2-T20, LEAD FINISH C
TOP VIEW
20 LEAD CERAMIC METAL SEAL
FLATPACK PACKAGE (FLATPACK)
MIL-STD-1835 CDFP4-F20, LEAD FINISH C
TOP VIEW
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
OE
D0
D1
D2
D3
D4
D6
D5
D7
GND
VCC
Q1
Q2
Q3
Q0
Q4
Q5
Q6
Q7
LE
2
3
4
5
6
7
8
120
19
18
17
16
15
14
13
OE
D0
D1
D2
D3
D4
D5
D6
9
10
12
11
D7
GND
VCC
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
LE
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
HCS573DMSR
-55oC to +125oC
Intersil Class S Equivalent
20 Lead SBDIP
HCS573KMSR
-55oC to +125oC
Intersil Class S Equivalent
20 Lead Ceramic Flatpack
HCS573D/Sample
+25oC
Sample
20 Lead SBDIP
HCS573K/Sample
+25oC
Sample
20 Lead Ceramic Flatpack
HCS573HMSR
+25oCDie
Die


Similar Part No. - HCS573K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS573K INTERSIL-HCS573K Datasheet
144Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
September 1995
HCS573KMSR INTERSIL-HCS573KMSR Datasheet
144Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
September 1995
More results

Similar Description - HCS573K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS373MS INTERSIL-ACS373MS Datasheet
91Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
April 1995
ACS573MS INTERSIL-ACS573MS Datasheet
45Kb / 4P
Radiation Hardened Octal Three-State Transparent Latch
January 1996
ACTS373MS INTERSIL-ACTS373MS Datasheet
91Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
April 1995
ACTS573MS INTERSIL-ACTS573MS Datasheet
45Kb / 3P
Radiation Hardened Octal Three-State Transparent Latch
January 1996
HCS373T INTERSIL-HCS373T Datasheet
95Kb / 3P
Radiation Hardened Octal Transparent Latch, Three-State
July 1999
HCS573MS INTERSIL-HCS573MS Datasheet
144Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
September 1995
HCTS373MS INTERSIL-HCTS373MS Datasheet
277Kb / 11P
Radiation Hardened Octal Transparent Latch, Three-State
August 1995
logo
Renesas Technology Corp
ACTS373MS RENESAS-ACTS373MS Datasheet
416Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
April 1995
HCS373MS RENESAS-HCS373MS Datasheet
547Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
September 1995
HCTS373MS RENESAS-HCTS373MS Datasheet
553Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
August 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com