Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCTS191MS Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HCTS191MS
Description  Radiation Hardened Synchronous 4-Bit Up/Down Counter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCTS191MS Datasheet(HTML) 5 Page - Renesas Technology Corp

  HCTS191MS Datasheet HTML 1Page - Renesas Technology Corp HCTS191MS Datasheet HTML 2Page - Renesas Technology Corp HCTS191MS Datasheet HTML 3Page - Renesas Technology Corp HCTS191MS Datasheet HTML 4Page - Renesas Technology Corp HCTS191MS Datasheet HTML 5Page - Renesas Technology Corp HCTS191MS Datasheet HTML 6Page - Renesas Technology Corp HCTS191MS Datasheet HTML 7Page - Renesas Technology Corp HCTS191MS Datasheet HTML 8Page - Renesas Technology Corp HCTS191MS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HCTS191MS
FN2250 Rev 2.00
Page 5 of 10
September 1995
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Capacitance Power
Dissipation
CPD
VCC = 5.0V, f = 1MHz
1
+25oC
-
54
pF
1
+125oC, -55oC
-
84
pF
Input Capacitance
CIN
VCC = 5.0V, f = 1MHz
1
+25oC
-
10
pF
1
+125oC
-
10
pF
Output Transition
Time
TTHL
TTLH
VCC = 4.5V
1
+25oC
-
15
ns
1
+125oC, -55oC
-
22
ns
Maximum Operating
Frequency
(CPU, CPD)
FMAX
VCC = 4.5V
1
+25oC-
30
MHz
1
+125oC, -55oC-
20
MHz
Setup Time
Pn to PL
TSU
VCC = 4.5V
1
+25oC12
-
ns
1
+125oC, -55oC18
-
ns
Setup Time
CE to CP
TSU
VCC = 4.5V
1
+25oC12
-
ns
1
+125oC, -55oC18
-
ns
Setup Time
U/D to CP
TSU
VCC = 4.5V
1
+25oC18
-
ns
1
+125oC, -55oC27
-
ns
Hold Time
Pn to PL
TH
VCC = 4.5V
1
+25oC2
-
ns
1
+125oC, -55oC2
-
ns
Hold Time
CE to CP
TH
VCC = 4.5V
1
+25oC2
-
ns
1
+125oC, -55oC2
-
ns
Hold Time
U/D to CP
TH
VCC = 4.5V
1
+25oC0
-
ns
1
+125oC, -55oC0
-
ns
Recovery Time
TREC
VCC = 4.5V
1
+25oC12
-
ns
1
+125oC, -55oC18
-
ns
CP Pulse Width
TW
VCC = 4.5V
1
+25oC16
-
ns
1
+125oC, -55oC24
-
ns
PL Pulse Width
TW
VCC = 4.5V
1
+25oC20
-
ns
1
+125oC, -55oC30
-
ns
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com