Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5378 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5378
Description  32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5378 Datasheet(HTML) 4 Page - Analog Devices

  AD5378 Datasheet HTML 1Page - Analog Devices AD5378 Datasheet HTML 2Page - Analog Devices AD5378 Datasheet HTML 3Page - Analog Devices AD5378 Datasheet HTML 4Page - Analog Devices AD5378 Datasheet HTML 5Page - Analog Devices AD5378 Datasheet HTML 6Page - Analog Devices AD5378 Datasheet HTML 7Page - Analog Devices AD5378 Datasheet HTML 8Page - Analog Devices AD5378 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD5378
Rev. PrA | Page 4 of 28
SPECIFICATIONS
VCC = 2.7 V to 5.5 V; VDD = 11.4 V to 16.5 V; VSS = −11.4 V to −16.5 V; VREF(+) = +5 V; VREF(−) = −3.5 V; AGND = DGND = REFGND =
0 V; VBIAS = 5 V; CL = 200 pF to GND; RL = 11 kΩ to 3 V; gain = 1; offset = 0 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter
A Version1
Unit
Test Conditions/Comments
ACCURACY
Resolution
14
Bits
Relative Accuracy
±3
LSB max
−40°C to +85°C
±2.5
LSB max
0°C to 70°C
Differential Nonlinearity
−1/+1.5
LSB max
Guaranteed monotonic by design over temperature
Zero-Scale Error
±12
mV max
−40°C to +85°C
±5
mV max
0°C to 70°C
Full-Scale Error
±12
mV max
−40°C to +85°C
±8
mV max
0°C to 70°C
Gain Error
±8
mV max
−40°C to +85°C
±1/±5
mV typ/max
0°C to 70°C
VOUT Temperature Coefficient
5
ppm FSR/°C typ
Includes linearity, offset, and gain drift; see Figure 11
DC Crosstalk2
0.5
mV max
Typically 100 µV
REFERENCE INPUTS2
VREF(+) DC Input Impedance
1
MΩ min
Typically 100 MΩ
VREF(−) DC Input Impedance
8
kΩ min
Typically 12 kΩ
VREF(+) Input Current
±10
µA max
Per input; typically ±30 nA
VREF(+) Range
1.5/5
V min/max
±2% for specified operation
VREF(−) Range
−3.5/0
V min/max
±2% for specified operation
REFGND INPUTS2
DC Input Impedance
80
kΩ min
Typically 120 kΩ
Input Range
±0.5
V min/max
OUTPUT CHARACTERISTICS2
Output Voltage Range
VSS + 2/VSS + 2.5
V min
ILOAD = ±0.5 mA/±1.5 mA
VDD − 2/VDD − 2.5
V max
ILOAD = ±0.5 mA/±1.5 mA
Short-Circuit Current
15
mA max
Load Current
±1.5
mA max
Capacitive Load
2200
pF max
DC Output Impedance
1
Ω max
DIGITAL INPUTS
JEDEC-compliant
Input High Voltage
1.7
V min
VCC = 2.7 V to 3.6 V
2.0
V min
VCC = 3.6 V to 5.5 V
Input Low Voltage
0.8
V max
VCC = 2.7 V to 5.5 V
Input Current (with pull-up/pull-down)
±8
µA max
SER/PAR, FIFOEN, and RESET pins only
Input Current (no pull-up/pull-down)
±1
µA max
All other digital input pins
Input Capacitance2
10
pF max
DIGITAL OUTPUTS (BUSY, SDO)
Output Low Voltage
0.5
V max
Sinking 200 µA
Output High Voltage (SDO)
VCC − 0.5
V min
Sourcing 200 µA
High Impedance Leakage Current
−70
µA max
SDO only
High Impedance Output Capacitance2
10
pF typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com