Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG658 Datasheet(PDF) 13 Page - Analog Devices

Part # ADG658
Description  3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG658 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG658 Datasheet HTML 9Page - Analog Devices ADG658 Datasheet HTML 10Page - Analog Devices ADG658 Datasheet HTML 11Page - Analog Devices ADG658 Datasheet HTML 12Page - Analog Devices ADG658 Datasheet HTML 13Page - Analog Devices ADG658 Datasheet HTML 14Page - Analog Devices ADG658 Datasheet HTML 15Page - Analog Devices ADG658 Datasheet HTML 16Page - Analog Devices ADG658 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADG658/ADG659
Rev. A | Page 13 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
0
80
60
40
20
100
–5.5
–3.5
–1.5
0.5
2.5
4.5
70
50
30
10
90
TA = 25°C
VD, VS (V)
VDD,VSS = ±2.7V
VDD,VSS = ±3V
VDD,VSS = ±5.5V
VDD,VSS = ±5V
VDD,VSS = ±4.5V
Figure 4. On Resistance vs. VD (VS) for Dual Supply
0
200
150
100
50
250
0
2468
10
12
VD, VS (V)
TA = 25°C
VDD = 2.7V
VDD = 3V
VDD = 3.3V
VDD = 4.5V
VDD = 5V
VDD = 5.5V
VDD = 10V
VDD = 12V
Figure 5. On Resistance vs. VD (VS) for Single Supply
0
80
60
40
20
100
–5
–2
0
70
50
30
10
90
–4
–1
123
5
VD, VS (V)
4
–3
+125
°C
+85
°C
+25
°C
–40
°C
VDD = +5V
VSS = –5V
Figure 6. On Resistance vs. VD (VS) for Different Temperatures (Dual Supply)
100
60
20
140
0
1.0
2.0
80
40
0
120
0.5
1.5
2.5
3.0
4.5
4.0
5.0
3.5
VD, VS (V)
+125
°C
+85
°C
+25
°C
–40
°C
DD = 5V
SS = 0V
V
V
Figure 7. On Resistance vs. VD (VS) for Different Temperatures (Single Supply)
0
200
150
100
50
250
0
0.5
1.0
1.5
2.0
2.5
3.0
300
VD, VS (V)
+125
°C
+85
°C
+25
°C
–40
°C
VDD = 3V
VSS = 0V
Figure 8. On Resistance vs. VD (VS) for Different Temperatures (Single Supply)
0.5
–0.5
–1.5
–2.5
1.5
0
–1.0
–2.0
1.0
0
20
40
60
80
100
120
TEMPERATURE (
°C)
IS (OFF)
ID (OFF)
IS,ID (ON)
VDD = 5V
VSS = –5V
VD = ±4V
VS = ±4V
Figure 9. Leakage Current vs. Temperature (Dual Supply)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com