Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1B Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # ES1B
Description  1.0 AMP. Super Fast Surface Mount Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ES1B Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  ES1B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ES1B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 167 -
RATINGS AND CHARACTERISTIC CURVES (ES1A THRU ES1J)
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
1
10
100
30
20
10
5.0
25
15
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
(JEDEC Method) at T =120 C
L
o
FIG.3- TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.01
1
10
50
0.1
FORWARD VOLTAGE. (V)
Tj=25 C
PULSE WIDTH-300 S
1% DUTY CYCLE
0
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
80
90
100
120
140
150
130
110
0
0.2
0.6
0.8
1.2
1.0
0.4
LEAD TEMPERATURE. ( C)
o
RESISTIVE OR
INDUCTIVE LOAD
0.2X0.2"(5.0X5.0mm)
COPPER PAD AREAS
FIG.4- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
10
100
1000
1
0.1
0.01
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=125 C
0
Tj=85 C
0
Tj=25 C
0
1
0
0
10
100
14
10
6.0
4.0
2.0
12
8.0
FIG.5- TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE. (V)
ES1A
- D
ES1F
- J
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com