Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1D Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # ES1D
Description  1.0 AMP. Super Fast Surface Mount Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ES1D Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  ES1D Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ES1D Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 166 -
.062(1.58)
.050(1.27)
.012(.31)
.006(.15)
.008(.20)
.004(.10)
.056(1.41)
.035(0.90)
.187(4.75)
.160(4.06)
.210(5.33)
.195(4.95)
.111(2.83)
.090(2.29)
.103(2.61)
.078(1.99)
ES1A THRU ES1J
1.0 AMP. Super Fast Surface Mount Rectifiers
Voltage Range
50 to 600 Volts
Current
1.0 Ampere
Features
Glass passivated junction chip
For surface mounted application
Low profile package
Built-in strain relief,
Ideal for automated placement
Easy pick and place
Superfast recovery time for high efficiency
Glass passivated chip junction
High temperature soldering:
260
OC/10 seconds at terminals
Plastic material used carries Underwriters
Laboratory Classification 94V-O
Mechanical Data
Cases: Molded plastic
Terminals: Solder plated
Polarity: Indicated by cathode band
Packing: 12mm tape per E1A STD RS-481
Weight: 0.064 gram
SMA/DO-214AC
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol ES
1A
ES
1B
ES
1C
ES
1D
ES
1F
ES
1G
ES
1H
ES
1J
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
500
600
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
350
420
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
500
600
V
Maximum Average Forward Rectified Current
See Fig. 1
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage
@ 1.0A
VF
0.95
1.3
1.7
V
Maximum DC Reverse Current @ TA =25
℃
at Rated DC Blocking Voltage @ TA=100
℃
IR
5.0
100
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
35
nS
Typical Junction Capacitance ( Note 2 )
Cj
10
8
pF
Maximum Thermal Resistance (Note 3)
R
θJA
R
θJL
85
35
℃/W
Operating Temperature Range
TJ
-55 to +150
℃
Storage Temperature Range
TSTG
-55 to + 150
℃
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied VR=4.0 Volts
3. P.C.B. Mounted on 0.2 x 0.2”(5 x 5mm) Copper Pad Area.


Similar Part No. - ES1D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ES1D PANJIT-ES1D Datasheet
63Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
NXP Semiconductors
ES1D PHILIPS-ES1D Datasheet
59Kb / 12P
SMA ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
ES1D PHILIPS-ES1D Datasheet
52Kb / 8P
Ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
logo
Surge Components
ES1D SURGE-ES1D Datasheet
83Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 1.0 Amperes?
logo
Transys Electronics
ES1D TRSYS-ES1D Datasheet
184Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
More results

Similar Description - ES1D

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ES1A TSC-ES1A_1 Datasheet
132Kb / 2P
1.0 AMP. Surface Mount Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SUF11MH SECOS-SUF11MH Datasheet
152Kb / 2P
1.0 Amp Surface Mount Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
ES1A TSC-ES1A_10 Datasheet
440Kb / 2P
1.0 AMP. Surface Mount Super Fast Rectifiers
ES1AL TSC-ES1AL_10 Datasheet
461Kb / 2P
1.0 AMP. Surface Mount Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SUF11M SECOS-SUF11M Datasheet
152Kb / 2P
1.0 Amp Surface Mount Super Fast Rectifiers
logo
Goodwork Semiconductor ...
SMU11A GWSEMI-SMU11A Datasheet
68Kb / 2P
1.0 AMP SURFACE MOUNT SUPER FAST RECTIFIERS
SSU11 GWSEMI-SSU11 Datasheet
67Kb / 2P
1.0 AMP SURFACE MOUNT SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SUF11FL SECOS-SUF11FL_15 Datasheet
279Kb / 3P
1.0 Amp Surface Mount Super Fast Rectifiers
SUF11M SECOS-SUF11M_15 Datasheet
152Kb / 2P
1.0 Amp Surface Mount Super Fast Rectifiers
SUF101RT SECOS-SUF101RT Datasheet
323Kb / 2P
1.0 Amp Surface Mount Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com