Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S80C52 Datasheet(PDF) 4 Page - Intel Corporation

Part # S80C52
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80C52 Datasheet(HTML) 4 Page - Intel Corporation

  S80C52 Datasheet HTML 1Page - Intel Corporation S80C52 Datasheet HTML 2Page - Intel Corporation S80C52 Datasheet HTML 3Page - Intel Corporation S80C52 Datasheet HTML 4Page - Intel Corporation S80C52 Datasheet HTML 5Page - Intel Corporation S80C52 Datasheet HTML 6Page - Intel Corporation S80C52 Datasheet HTML 7Page - Intel Corporation S80C52 Datasheet HTML 8Page - Intel Corporation S80C52 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
8XC525458
PIN DESCRIPTIONS
VCC Supply voltage
VSS Circuit ground
VSS1 Secondary ground (not on DIP) Provided to
reduce ground bounce and improve power supply
by-passing
NOTE
This pin is not a substitute for the VSS pin (pin 22)
(Connection not necessary for proper operation)
Port 0
Port 0 is an 8-bit open drain bidirectional
IO port As an output port each pin can sink several
LS TTL inputs Port 0 pins that have 1’s written to
them float and in that state can be used as high-im-
pedance inputs
Port 0 is also the multiplexed low-order address and
data bus during accesses to external Program and
Data Memory In this application it uses strong inter-
nal pullups when emitting 1’s and can source and
sink several LS TTL inputs
Port 0 also receives the code bytes during EPROM
programming and outputs the code bytes during
program verification External pullup resistors are re-
quired during program verification
Port 1
Port 1 is an 8-bit bidirectional IO port with
internal pullups The Port 1 output buffers can drive
LS TTL inputs Port 1 pins that have 1’s written to
them are pulled high by the internal pullups and in
that state can be used as inputs As inputs Port 1
pins that are externally pulled low will source current
(IIL on the data sheet) because of the internal pull-
ups
In addition Port 1 serves the functions of the follow-
ing special features of the 8XC5X
Port Pin
Alternate Function
P10
T2 (External Count Input to Timer
Counter 2) Clock-Out
P11
T2EX (TimerCounter 2 Capture
Reload Trigger and Direction Control)
Port 1 receives the low-order address bytes during
EPROM programming and verifying
Port 2
Port 2 is an 8-bit bidirectional IO port with
internal pullups The Port 2 output buffers can drive
LS TTL inputs Port 2 pins that have 1’s written to
them are pulled high by the internal pullups and in
that state can be used as inputs As inputs Port 2
pins that are externally pulled low will source current
(IIL on the data sheet) because of the internal pull-
ups
Port 2 emits the high-order address byte during
fetches from external Program Memory and during
accesses to external Data Memory that use 16-bit
addresses (MOVX
DPTR) In this application it
uses strong internal pullups when emitting 1’s Dur-
ing accesses to external Data Memory that use 8-bit
addresses (MOVX
Ri) Port 2 emits the contents of
the P2 Special Function Register
Some Port 2 pins receive the high-order address bits
during EPROM programming and program verifica-
tion
Port 3
Port 3 is an 8-bit bidirectional IO port with
internal pullups The Port 3 output buffers can drive
LS TTL inputs Port 3 pins that have 1’s written to
them are pulled high by the internal pullups and in
that state can be used as inputs As inputs Port 3
pins that are externally pulled low will source current
(IIL on the data sheet) because of the pullups
Port 3 also serves the functions of various special
features of the 8051 Family as listed below
Port Pin
Alternate Function
P30
RXD (serial input port)
P31
TXD (serial output port)
P32
INT0 (external interrupt 0)
P33
INT1 (external interrupt 1)
P34
T0 (Timer 0 external input)
P35
T1 (Timer 1 external input)
P36
WR (external data memory write strobe)
P37
RD (external data memory read strobe)
RST
Reset input A high on this pin for two machine
cycles while the oscillator is running resets the de-
vice The port pins will be driven to their reset condi-
tion when a minimum VIHI voltage is applied whether
the oscillator is running or not An internal pulldown
resistor permits a power-on reset with only a capaci-
tor connected to VCC
ALE
Address Latch Enable output pulse for latching
the low byte of the address during accesses to ex-
ternal memory This pin (ALEPROG) is also the
program pulse input during EPROM programming for
the 87C5X
In normal operation ALE is emitted at a constant
rate of
the oscillator frequency and may be used
for external timing or clocking purposes Note how-
ever that one ALE pulse is skipped during each ac-
cess to external Data Memory
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com