Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87C52 Datasheet(PDF) 19 Page - Intel Corporation

Part # P87C52
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P87C52 Datasheet(HTML) 19 Page - Intel Corporation

Back Button P87C52 Datasheet HTML 15Page - Intel Corporation P87C52 Datasheet HTML 16Page - Intel Corporation P87C52 Datasheet HTML 17Page - Intel Corporation P87C52 Datasheet HTML 18Page - Intel Corporation P87C52 Datasheet HTML 19Page - Intel Corporation P87C52 Datasheet HTML 20Page - Intel Corporation P87C52 Datasheet HTML 21Page - Intel Corporation P87C52 Datasheet HTML 22Page - Intel Corporation P87C52 Datasheet HTML 23Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
8XC525458
PROGRAMMING THE EPROM
The part must be running with a 4 MHz to 6 MHz
oscillator The address of an EPROM location to be
programmed is applied to address lines while the
code byte to be programmed in that location is ap-
plied to data lines Control and program signals must
be held at the levels indicated in Table 4 Normally
EA VPP is held at logic high until just before ALE
PROG is to be pulsed The EA VPP is raised to VPP
ALEPROG is pulsed low and then EA VPP is re-
turned to a high (also refer to timing diagrams)
NOTES
 Exceeding the VPP maximum for any amount of
time could damage the device permanently The
VPP source must be well regulated and free of
glitches
DEFINITION OF TERMS
ADDRESS LINES
P10 – P17 P20 – P25 respec-
tively for A0 – A13
DATA LINES
P00 – P07 for D0 – D7
CONTROL SIGNALS
RST PSEN P26 P27 P33
P36 P37
PROGRAM SIGNALS
ALEPROG EA VPP
Table 4 EPROM Programming Modes
Mode
RST
PSEN
ALE
EA
P26
P27
P33
P36
P37
PROG
VPP
Program Code Data
H
L
1275V
L
H
H
H
H
Verify Code Data
H
L
H
H
L
L
L
H
H
Program Encryption
H
L
1275V
L
H
H
L
H
Array Address 0 – 3FH
Program Lock
Bit 1
H
L
1275V
H
H
H
H
H
Bits
Bit 2
H
L
1275V
H
H
H
L
L
Bit 3
H
L
1275V
H
L
H
H
L
Read Signature Byte
H
L
H
H
L
L
L
L
L
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com