Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCTS540MS Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HCTS540MS
Description  Radiation Hardened Inverting Octal Buffer/Line Driver, Three-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCTS540MS Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HCTS540MS Datasheet HTML 2Page - Renesas Technology Corp HCTS540MS Datasheet HTML 3Page - Renesas Technology Corp HCTS540MS Datasheet HTML 4Page - Renesas Technology Corp HCTS540MS Datasheet HTML 5Page - Renesas Technology Corp HCTS540MS Datasheet HTML 6Page - Renesas Technology Corp HCTS540MS Datasheet HTML 7Page - Renesas Technology Corp HCTS540MS Datasheet HTML 8Page - Renesas Technology Corp HCTS540MS Datasheet HTML 9Page - Renesas Technology Corp HCTS540MS Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
HCTS540MS
FN2232 Rev 2.00
Page 10 of 10
September 1995
Die Characteristics
DIE DIMENSIONS:
101 x 85mils
METALLIZATION:
Type: SiAl
Metal Thickness: 11k
Å 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 13k
Å  2.6kÅ
WORST CASE CURRENT DENSITY:
<2.0 x 105A/cm2
BOND PAD SIZE:
100
m x 100m
4 mils x 4 mils
Metallization Mask Layout
HCTS540MS
NOTE: The die diagram is a generic plot form a similar HCS device. It is intended to indicate approximate die size and bond pad location.
The mask series for the HCTS540 is TA14455A.
OE1
(1)
A0
(2)
A1 (3)
A2 (4)
A4 (6)
A6 (8)
A7
(9)
GND
(10)
Y6
(12)
(14) Y4
(16) Y2
(17) Y1
(18) Y0
OE2
(19)
VCC
(20)
(13) Y5
(15) Y3
Y7
(11)
A5 (7)
A3 (5)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com