Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCTS393D Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HCTS393D
Description  Radiation Hardened Dual 4-Stage Binary Counter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCTS393D Datasheet(HTML) 2 Page - Renesas Technology Corp

  HCTS393D Datasheet HTML 1Page - Renesas Technology Corp HCTS393D Datasheet HTML 2Page - Renesas Technology Corp HCTS393D Datasheet HTML 3Page - Renesas Technology Corp HCTS393D Datasheet HTML 4Page - Renesas Technology Corp HCTS393D Datasheet HTML 5Page - Renesas Technology Corp HCTS393D Datasheet HTML 6Page - Renesas Technology Corp HCTS393D Datasheet HTML 7Page - Renesas Technology Corp HCTS393D Datasheet HTML 8Page - Renesas Technology Corp HCTS393D Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HCTS393MS
FN3071 Rev 1.00
Page 2 of 9
August 1995
Functional Diagram
Q
R
Q
MR
CP
1(13)
2(12)
Q
R
Q
Q
R
Q
Q
R
Q
3(11)
4(10)
5(9)
6(8)
Q0
Q1
Q2
Q3
TRUTH TABLE
CP
COUNT
OUTPUTS
Q0
Q1
Q2
Q3
0LLLL
1
H
LLL
2L
H
L
L
3H
HL
L
4LL
H
L
5HLHL
6L
H
H
L
7
HHH
L
8LLL
H
9HL
L
H
10
LHLH
11
H
H
L
H
12
L
L
H
H
13
H
L
H
H
14
L
HHH
15
HHHH
TRUTH TABLE
CP
MR
OUTPUT
L
No Change
L
Count
X
H
L L L L
H = High Lvel
L = Low Logic Level
X = Immaterial
= Low-to-High
= High-to-Low



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com