Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74ACT112 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74ACT112
Description  Dual JK Negative Edge-Triggered Flip-Flop
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ACT112 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74ACT112 Datasheet HTML 1Page - Renesas Technology Corp HD74ACT112 Datasheet HTML 2Page - Renesas Technology Corp HD74ACT112 Datasheet HTML 3Page - Renesas Technology Corp HD74ACT112 Datasheet HTML 4Page - Renesas Technology Corp HD74ACT112 Datasheet HTML 5Page - Renesas Technology Corp HD74ACT112 Datasheet HTML 6Page - Renesas Technology Corp HD74ACT112 Datasheet HTML 7Page - Renesas Technology Corp HD74ACT112 Datasheet HTML 8Page - Renesas Technology Corp HD74ACT112 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Rev.2.00, Jul.16.2004, page 1 of 7
HD74AC112/HD74ACT112
Dual JK Negative Edge-Triggered Flip-Flop
REJ03D0244–0200Z
(Previous ADE-205-364 (Z))
Rev.2.00
Jul.16.2004
Description
The HD74AC112/HD74ACT112 features individual J, K, Clock and asynchronous Set and Clear inputs to each flip-
flop. When the clock goes High, the inputs are enabled and data will be accepted. The logic level of the J and K inputs
may change when the clock is High and the bistable will perform according to the Truth Table as long as minimum
setup and hold times are observed. Input data is transferred to the outputs on the falling edge of the clock pulse.
Features
• Outputs Source/Sink 24 mA
• HD74ACT112 has TTL-Compatible Inputs
• Ordering Information: Ex. HD74AC112
Part Name
Package Type
Package Code Package Abbreviation Taping Abbreviation (Quantity)
HD74AC112FPEL
SOP-16 pin (JEITA)
FP-16DAV
FP
EL (2,000 pcs/reel)
HD74AC112RPEL
SOP-16 pin (JEDEC) FP-16DNV
RP
EL (2,500 pcs/reel)
Notes: 1. Please consult the sales office for the above package availability.
2. The packages with lead-free pins are distinguished from the conventional products by adding V at the end of
the package code.
Pin Arrangement
1
2
3
4
5
6
7
8
CP1
K1
J1
SD1
Q1
Q1
Q2
GND
VCC
CD1
CD2
CP2
K2
J2
SD2
Q2
16
15
14
13
12
11
10
9
(Top view)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com