Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRL1206-FW-R150ELF Datasheet(PDF) 23 Page - Analog Devices

Part # CRL1206-FW-R150ELF
Description  Evaluating the AD74115H Single-Channel, Software Configurable Input and Output with HART Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

CRL1206-FW-R150ELF Datasheet(HTML) 23 Page - Analog Devices

Back Button CRL1206-FW-R150ELF Datasheet HTML 16Page - Analog Devices CRL1206-FW-R150ELF Datasheet HTML 17Page - Analog Devices CRL1206-FW-R150ELF Datasheet HTML 18Page - Analog Devices CRL1206-FW-R150ELF Datasheet HTML 19Page - Analog Devices CRL1206-FW-R150ELF Datasheet HTML 20Page - Analog Devices CRL1206-FW-R150ELF Datasheet HTML 21Page - Analog Devices CRL1206-FW-R150ELF Datasheet HTML 22Page - Analog Devices CRL1206-FW-R150ELF Datasheet HTML 23Page - Analog Devices CRL1206-FW-R150ELF Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
User Guide
EVAL-AD74115H
ORDERING INFORMATION
analog.com
Rev. 0 | 23 of 24
Table 3. Bill of Materials
Quantity
Reference
Designator
Description
Manufacturer
Part Number
1
U2
Single-channel, software configurable input and output with HART
modem
Analog Devices
AD74115HBCPZ
1
U3
3-channel isolated micropower management unit with seven digital
isolators and programmable power control
Analog Devices
ADP1034ACP0Z-1-R7
1
U4
Ultralow noise, high accuracy 2.5 V voltage reference
Analog Devices
ADR4525BRZ
13
Not applicable Jumpers, open top, 2.54 mm content center, black
Sullins
QPC02SXGN-RC
2
Not applicable Board support snap lock screw mount ¾ inch, nylon
Essentra
TCBS-12-01
4
Not applicable Plugs, terminal block, two position, 5.08 mm
Phoenix Contact
1757019
2
C13, C18
Capacitors, C0805, do not integrate (DNI)
Not applicable
Not applicable
2
C31, C32
10 μF ceramic capacitors, 50 V, 10%, X7R, 1206, DNI
Samsung
CL31B106KBHNNNE
6
R2, R4, R6,
R7, R10, R11
0 Ω resistors, SMD, jumper, 1/10 W, 0603, AEC-Q200, DNI
Panasonic
ERJ-3GEY0R00V
2
R27, R50
4.7 MΩ resistors, SMD, 5%, 1/2 W, 2010, high voltage, DNI
Bourns
CHV2010-JW-475ELF
4
TP1, TP2,
TP3, TP4
Connector, PCB, test points, DNI
Harwin
S1751-46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com