Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA5022EVAL Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HA5022EVAL
Description  Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5022EVAL Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HA5022EVAL Datasheet HTML 6Page - Renesas Technology Corp HA5022EVAL Datasheet HTML 7Page - Renesas Technology Corp HA5022EVAL Datasheet HTML 8Page - Renesas Technology Corp HA5022EVAL Datasheet HTML 9Page - Renesas Technology Corp HA5022EVAL Datasheet HTML 10Page - Renesas Technology Corp HA5022EVAL Datasheet HTML 11Page - Renesas Technology Corp HA5022EVAL Datasheet HTML 12Page - Renesas Technology Corp HA5022EVAL Datasheet HTML 13Page - Renesas Technology Corp HA5022EVAL Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
Die Characteristics
DIE DIMENSIONS:
69 mils x 92 mils x 19 mils
1750
μm x 2330μm x 483μm
METALLIZATION:
Type: Metal 1: AICu(2%)/TiW
Thickness: Metal 1: 8k
Å ±0.4kÅ
Type: Metal 2: AICu(2%)
Thickness: Metal 2: 16k
Å ±0.8kÅ
SUBSTRATE POTENTIAL (POWERED UP):
Floating (Recommend Connection to V-)
PASSIVATION:
Type: Nitride
Thickness: 4k
Å ±0.5kÅ
TRANSISTOR COUNT:
180
Metallization Mask Layout
HFA1245
NOTE:
8. This is an optional GND pad. Users may set a GND reference, via this pad, to ensure the TTL compatibility of the DISABLE inputs when using
asymmetrical supplies (e.g., V+ = 10V, V- = 0V). See the “Application Information” section for details.
-IN1
OUT1
-IN2
GND (NOTE 8)
V-
OUT2
V+
NC
NC
+IN1
+IN2
DISABLE1
DISABLE2
V-
HFA1245



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com