Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP0045AB Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HIP0045AB
Description  1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP0045AB Datasheet(HTML) 2 Page - Renesas Technology Corp

  HIP0045AB Datasheet HTML 1Page - Renesas Technology Corp HIP0045AB Datasheet HTML 2Page - Renesas Technology Corp HIP0045AB Datasheet HTML 3Page - Renesas Technology Corp HIP0045AB Datasheet HTML 4Page - Renesas Technology Corp HIP0045AB Datasheet HTML 5Page - Renesas Technology Corp HIP0045AB Datasheet HTML 6Page - Renesas Technology Corp HIP0045AB Datasheet HTML 7Page - Renesas Technology Corp HIP0045AB Datasheet HTML 8Page - Renesas Technology Corp HIP0045AB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
HIP0045
FN4047 Rev 12.00
Page 2 of 10
Apr 1999
Detailed Block Diagram
Input to Output Control Tables
OUT2-5
DRIVER
VCC
OC
REF
VREF
ISK
-
+
-
+
Q
S
R
Q2 - 5
ON/OFF
LATCH
DIAG2-5
STATUS
OUT6, 7
DRIVER
VCC
OC
REF
VREF
ISK
-
+
-
+
Q
S
R
Q6, 7
ON/OFF
LATCH
DIAG6, 7
STATUS
OVER-TEMP.
DET.
OUT0, 1
DRIVER
VCC
OC
REF
VREF
ISK
-
+
Q
S
R
OVERLOAD LATCH
VCC
IN 0, 1
Q0, 1
ON/OFF
SCK
MOSI
8-BIT
OUTPUT
LATCH
Q0-7
DIAG 0-7
MISO
D
Q
RESET
LOW
VOTAGE
RESET
RESET
CE
VCC
SPI
SHIFT
REG
OUT
IN
VCC
VCC
VCC
NOTES:
1. OC = Over-Current Voltage Ref. = 1.8V Typ.
2. ISK = Current Sink Pull-Down = 500A Typ.
3. Diag0, 1 = Status bit when Q0, 1 controlling OUT0, 1.
4. Diag0, 1 = Fault bit when IN1, 0 controlling OUT0, 1.
5. Refer to text and Tables 6, 7 for diagnostic information.
STATUS/
FAULT LATCH
FILTER
FAULT
RESET
FILTER
RESET
Q
S
R
DIAG 0, 1
OVERLOAD LATCH
OVERLOAD LATCH
LATCH
-
+
TABLE 1. OUTPUT 0
SPI BIT 0
IN0
OUT0
01
OFF
00
ON
10
ON
11
ON
TABLE 2. OUTPUT 1
SPI BIT 1
IN1
OUT1
01
OFF
00
ON
10
ON
11
ON
TABLE 3. OUTPUT 2 - 7
SPI BIT 2 - 7
OUT2 - 7
0OFF
1ON
TABLE 4. OUTPUT CONTROL REGISTER, Q0 - 7
Q1
Q3
Q5
Q7
Q0
Q2
Q4
Q6
(D7I)
(D6I)
(D5I)
(D4I)
(D3I)
(D2I)
(D1I)
(D0I)
MSB
LSB
NOTE: The Output Control Register bits Q0 -7 have the same order
as the Diagnostic Failure Register bits Diag0 - 7 as defined in
Table 5. Data bits D0I - D7I give the MOSI SPI serial data input flow
sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com