Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP0082AS1 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HIP0082AS1
Description  Quad Power Drivers with Serial Diagnostic Interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP0082AS1 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HIP0082AS1 Datasheet HTML 3Page - Renesas Technology Corp HIP0082AS1 Datasheet HTML 4Page - Renesas Technology Corp HIP0082AS1 Datasheet HTML 5Page - Renesas Technology Corp HIP0082AS1 Datasheet HTML 6Page - Renesas Technology Corp HIP0082AS1 Datasheet HTML 7Page - Renesas Technology Corp HIP0082AS1 Datasheet HTML 8Page - Renesas Technology Corp HIP0082AS1 Datasheet HTML 9Page - Renesas Technology Corp HIP0082AS1 Datasheet HTML 10Page - Renesas Technology Corp HIP0082AS1 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
FN3643 Rev 4.00
Page 10 of 11
May 1998
HIP0082, HIP0084
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 1998. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
Single-In-Line Plastic Packages (SIP)
D
SEE TAB
DETAIL
E1
TERMINAL
#1
TERMINAL
N
E
A
L1
L
F
TYP ALL LEADS
TAB DETAIL
R1
-Y-
-Z-
3
e2
-X-
e1
e
B
0.010(0.25)
Z X
M
M Y M
0.024(0.61)
Z
M
C
E2
ØP
Ø 0.015(0.38)
Z X
M
S
NOTES:
1. Refer to series symbol list, JEDEC Publication No. 95.
2. Dimensioning and Tolerancing per ANSI Y14.5M-1982.
3. N is the number of terminals.
4. Controlling dimension: INCH.
HL
H
H
H
H
H
H
H
H
L
L
L
L
L
L
L
e3
Z15.05A (JEDEC MO-048 AB ISSUE A)
15 LEAD PLASTIC SINGLE-IN-LINE PACKAGE STAGGERED
VERTICAL LEAD FORM
SYMBOL
INCHES
MILLIMETERS
MIN
MAX
MIN
MAX
A
0.172
0.182
4.37
4.62
B
0.024
0.031
0.61
0.79
C
0.014
0.024
0.36
0.61
D
0.778
0.798
19.76
20.27
E
0.684
0.694
17.37
17.63
E1
0.416
0.426
10.57
10.82
E2
0.110 BSC
2.79 BSC
e
0.050 BSC
1.27 BSC
e1
0.200 BSC
5.08 BSC
e2
0.169 BSC
4.29 BSC
e3
0.700 BSC
17.78 BSC
F
0.057
0.063
1.45
1.60
L
0.150
0.176
3.81
4.47
L1
0.690
0.710
17.53
18.03
N15
15
ØP
0.148
0.152
3.76
3.86
R1
0.065
0.080
1.65
2.03
Rev. 1 4/98



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com