Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2105 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HIP2105
Description  Low Voltage Driver for Synchronous Rectification
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2105 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HIP2105 Datasheet HTML 9Page - Renesas Technology Corp HIP2105 Datasheet HTML 10Page - Renesas Technology Corp HIP2105 Datasheet HTML 11Page - Renesas Technology Corp HIP2105 Datasheet HTML 12Page - Renesas Technology Corp HIP2105 Datasheet HTML 13Page - Renesas Technology Corp HIP2105 Datasheet HTML 14Page - Renesas Technology Corp HIP2105 Datasheet HTML 15Page - Renesas Technology Corp HIP2105 Datasheet HTML 16Page - Renesas Technology Corp HIP2105 Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
FN8999 Rev.1.00
Page 13 of 17
Jun 6, 2018
HIP2105, HIP2106A
4. Application Information
4.
Application Information
4.1
MOSFET Selection
The parasitic inductances of the PCB and of the power devices’ packaging (both upper and lower MOSFETs) can
cause serious ringing, exceeding absolute maximum rating of the devices. The negative ringing at the edges of the
PHASE node could increase the bootstrap capacitor voltage through the internal bootstrap diode, and in some
cases, it may overstress the upper MOSFET driver. Careful layout, proper selection of MOSFETs, and packaging
can go a long way toward minimizing such unwanted stress.
The D2-PAK, or D-PAK packaged MOSFETs, have large parasitic lead inductances and are not recommended
unless additional circuits are implemented to prevent the BOOT and PHASE pins from exceeding the device rating.
Low-profile MOSFETs, such as direct FETs and multi-source leads devices (SO-8, LFPAK, PowerPAK), have low
parasitic lead inductances and are preferred.
4.2
Layout Considerations
A good layout helps reduce the ringing on the switching node (PHASE) and significantly lowers the stress applied
to the output drives. Use the following advice for an optimized layout:
• Keep decoupling loops (VCC - GND and BOOT - PHASE) as short as possible.
• Minimize trace inductance, especially on low-impedance lines. All power traces (UGATE, PHASE, LGATE,
GND, VCC) should be short and wide, as much as possible.
• Minimize the inductance of the PHASE node. Ideally, place the source of the upper and the drain of the lower
MOSFET as close as thermally allowable.
• Minimize the current loop of the output and input power trains. Short the source connection of the lower
MOSFET to ground as close to the transistor pin as feasible. Place the input capacitors (especially ceramic
decoupling) as close to the drain of the upper and source of the lower MOSFETs as possible.
In addition, for heat spreading, place copper underneath the IC whether it has an exposed pad or not. The copper
area can be extended beyond the bottom area of the IC and/or connected to buried power ground plane(s) with
thermal vias. This combination of vias for vertical heat escape, extended copper plane, and buried planes improve
heat dissipation and allow the part to achieve its full thermal potential. Figures 11 and 12 show a layout example.
Figure 11. HIP2105DBEVAL1Z Top Layer
Figure 12. HIP2105DBEVAL1Z Bottom Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com