Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6014 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HIP6014
Description  Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6014 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HIP6014 Datasheet HTML 1Page - Renesas Technology Corp HIP6014 Datasheet HTML 2Page - Renesas Technology Corp HIP6014 Datasheet HTML 3Page - Renesas Technology Corp HIP6014 Datasheet HTML 4Page - Renesas Technology Corp HIP6014 Datasheet HTML 5Page - Renesas Technology Corp HIP6014 Datasheet HTML 6Page - Renesas Technology Corp HIP6014 Datasheet HTML 7Page - Renesas Technology Corp HIP6014 Datasheet HTML 8Page - Renesas Technology Corp HIP6014 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HIP6014
FN4420 Rev.2.00
Page 4 of 12
March 2000
Functional Pin Description
VSEN (Pin 1)
This pin is connected to the converters output voltage. The
PGOOD and OVP comparator circuits use this signal to report
output voltage status and for overvoltage protection.
OCSET (Pin 2)
Connect a resistor (ROCSET) from this pin to the drain of the
upper MOSFET. ROCSET, an internal 200A current source
(IOCS), and the upper MOSFET on-resistance (rDS(ON)) set
the converter over-current (OC) trip point according to the
following equation:
An over-current trip cycles the soft-start function.
SS (Pin 3)
Connect a capacitor from this pin to ground. This capacitor,
along with an internal 10
A current source, sets the soft-start
interval of the converter.
VID0-4 (Pins 4-8)
VID0-4 are the input pins to the 5-bit DAC. The states of these
five pins program the internal voltage reference (DACOUT).
The level of DACOUT sets the converter output voltage. It also
sets the PGOOD and OVP thresholds. Table 1 specifies
DACOUT for the 32 combinations of DAC inputs.
COMP (Pin 9) and FB (Pin 10)
COMP and FB are the available external pins of the error
amplifier. The FB pin is the inverting input of the error amplifier
and the COMP pin is the error amplifier output. These pins are
used to compensate the voltage-control feedback loop of the
converter.
GND (Pin 11)
Signal ground for the IC. All voltage levels are measured with
respect to this pin
PGOOD (Pin 12)
PGOOD is an open collector output used to indicate the status
of the converter output voltage. This pin is pulled low when the
converter output is not within
10%of the DACOUT reference
voltage. Exception to this behavior are the cases where the
VID pins combination yield a 0V converter output; in these
cases PGOOD asserts a high level.
PHASE (Pin 13)
Connect the PHASE pin to the upper MOSFET source. This
pin is used to monitor the voltage drop across the MOSFET for
over-current protection. This pin also provides the return path
for the upper gate drive.
UGATE (Pin 14)
Connect UGATE to the upper MOSFET gate. This pin provides
the gate drive for the upper MOSFET.
Typical Performance Curves
FIGURE 1. RT RESISTANCE vs FREQUENCY
FIGURE 2. BIAS SUPPLY CURRENT vs FREQUENCY
10
100
1000
SWITCHING FREQUENCY (kHz)
10
100
1000
RT PULLUP
TO +12V
RT PULLDOWN TO VSS
100
200
300
400
500
600
700
800
900
1000
SWITCHING FREQUENCY (kHz)
CGATE = 3300pF
CGATE = 1000pF
CGATE = 10pF
CUPPER = CLOWER = CGATE
80
70
60
50
40
30
20
10
0
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
VSEN
OCSET
SS
VID0
VID1
VID2
VID4
VID3
COMP
FB
RT
VCC
LGATE
PGND
OVP
BOOT
UGATE
PHASE
PGOOD
GND
IPEAK
IOCS ROCSET
rDS ON

--------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com