Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6502BCB Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HIP6502BCB
Description  Multiple Linear Power Controller with ACPI Control Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6502BCB Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HIP6502BCB Datasheet HTML 6Page - Renesas Technology Corp HIP6502BCB Datasheet HTML 7Page - Renesas Technology Corp HIP6502BCB Datasheet HTML 8Page - Renesas Technology Corp HIP6502BCB Datasheet HTML 9Page - Renesas Technology Corp HIP6502BCB Datasheet HTML 10Page - Renesas Technology Corp HIP6502BCB Datasheet HTML 11Page - Renesas Technology Corp HIP6502BCB Datasheet HTML 12Page - Renesas Technology Corp HIP6502BCB Datasheet HTML 13Page - Renesas Technology Corp HIP6502BCB Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
HIP6502B
FN4871 Rev.0.00
Page 10 of 14
May 2000
monitors) during active state operation causes the chip to
switch to S5 sleep state, in addition to reporting the input UV
condition on the FAULT/MSEL pin. Exiting from this forced-S5
state can only be achieved by returning the faulting input
voltage above its UV threshold, by resetting the chip through
removal of 5VSB bias voltage, or by bringing the SS pin at a
potential lower than 0.8V.
Output Voltages
The output voltages are internally set and do not require any
external components. Selection of the memory voltages is
done by means the MSEL pin. Leaving the MSEL pin floating
enables support of both memory outputs. Pulling the MSEL pin
below 0.9V enables support only for the 2.5VMEM output. It is
important to notice that in a typical application (such as that
presented in Figure 3), setting the MSEL low will not prevent
the 3.3VMEM from being operational in active state. Pulling the
MSEL pin above 2.9V enables 3.3VMEM output support, only.
Following every 3.3VSB ramp-up, chip reset (see Soft-Start
Circuit), or at the exit from an S4/S5 sleep state, the MSEL
setting is latched in. During active state (S0/S1/S2) and S3
sleep state, any changes in MSEL status are ignored.
Application Guidelines
Soft-Start Interval
The 5VSB output of a typical ATX supply is capable of 725mA.
During power-up in a sleep state, it needs to provide sufficient
current to charge up all the output capacitors and
simultaneously provide some amount of current to the output
loads. Drawing excessive amounts of current from the 5VSB
output of the ATX can lead to voltage collapse and induce a
pattern of consecutive restarts with unknown effects on the
system’s behavior or health.
The built-in soft-start circuitry allows tight control of the slew-up
speed of the output voltages controlled by the HIP6502B, thus
enabling power-ups free of supply drop-off events. Since the
outputs are ramped up in a linear fashion, the current
dedicated to charging the output capacitors can be calculated
with the following formula:
, where
ISS - soft-start current (typically 10A)
CSS - soft-start capacitor
VBG - bandgap voltage (typically 1.26V)
COUT x VOUT) - sum of the products between the
capacitance and the voltage of an output (total charge
delivered to all outputs)
Due to the various system timing events, it is recommended
that the soft-start interval not be set to exceed 30ms.
Shutdown
In case of a FAULT condition that might endanger the
computer system, or at any other time, all the HIP6502B
outputs can be shut down by pulling the SS pin below the
specified shutdown level (typically 0.8V) with an open drain or
open collector device capable of sinking a minimum of 2mA.
Pulling the SS pin low effectively shuts down all the pass
elements. Upon release of the SS pin, the HIP6502B
undergoes a new soft-start cycle and resumes normal
operation in accordance to the ATX supply and control pins
status.
Layout Considerations
The typical application employing a HIP6502B is a fairly
straight forward implementation. Like with any other linear
regulator, attention has to be paid to the few potentially
sensitive small signal components, such as those connected to
sensitive nodes or those supplying critical by-pass current.
The power components (pass transistors) and the controller IC
should be placed first. The controller should be placed in a
central position on the motherboard, closer to the memory load
if possible, but not excessively far from the clock chip or the
processor. Insure the VSEN1 and VSEN2 connections are
properly sized to carry 250mA without significant resistive
losses; similar guideline applies to the VCLK output, which can
deliver as much as 800mA (typical). As the current for the
VCLK output is provided from the ATX 3.3V, the connection
from the 3V3 pin to the 3.3V plane should be sized to carry the
maximum clock output current while exhibiting negligible
voltage losses. Similarly, the 5VSB pin and the 5V pin are
carrying significant levels of current - for best results, insure
these pins are connected to their respective sources through
adequate traces. The pass transistors should be placed on
pads capable of heatsinking matching the device’s power
dissipation. Where applicable, multiple via connections to a
large internal plane can significantly lower localized device
temperature rise.
Placement of the decoupling and bulk capacitors should follow
a placement reflecting their purpose. As such, the high-
frequency decoupling capacitors should be placed as close as
possible to the load they are decoupling; the ones decoupling
the controller close to the controller pins, the ones decoupling
the load close to the load connector or the load itself (if
embedded). Even though bulk capacitance (aluminum
electrolytics or tantalum capacitors) placement is not as critical
as the high-frequency capacitor placement, having these
capacitors close to the load they serve is preferable.
The only critical small signal component is the soft-start
capacitor, CSS. Locate this component close to SS pin of the
control IC and connect to ground through a via placed close to
the capacitor’s ground pad. Minimize any leakage current
paths from SS node, since the internal current source is only
10
A.
ICOUT
ISS
CSS VBG
------------------------------
 C
OUT
VOUT

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com